Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5020 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE5020
Description  10-Bit mP-compatible D/A converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5020 Datasheet(HTML) 5 Page - NXP Semiconductors

  NE5020 Datasheet HTML 1Page - NXP Semiconductors NE5020 Datasheet HTML 2Page - NXP Semiconductors NE5020 Datasheet HTML 3Page - NXP Semiconductors NE5020 Datasheet HTML 4Page - NXP Semiconductors NE5020 Datasheet HTML 5Page - NXP Semiconductors NE5020 Datasheet HTML 6Page - NXP Semiconductors NE5020 Datasheet HTML 7Page - NXP Semiconductors NE5020 Datasheet HTML 8Page - NXP Semiconductors NE5020 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors Linear Products
Product specification
NE5020
10-Bit
µP-compatible D/A converter
August 31, 1994
761
Figure 1. DC Parametric Test Configuration
0.47
µF
MSB
LSB
11 10 9 8 7 6 5 4
21
1
24
20
22
23
18
19
14
15
17
12
5020
COMP
AMP
SUM
ANA GND
DIG GND
LE1
VREF IN
VREF OUT
VOUT
VCC+
0.1
µF
VCC–
OUTPUT
5k
30pF
100pF
5.000V
LE2
13
16
–VREF IN
3 2
Figure 2. AC Parametric Test Configuration
MSB
LSB
11 10 9 8 7 6 5 4
21
1
24
20
22
23
18
19
14
15
17
12
5020
COMP
AMP
SUM
ANA GND
DIG GND
13
16
3 2
0.47
µF
LE1
VOUT
VCC+
0.1
µF
VCC–
LE2
–VREF IN
OUTPUT
5k
30pF
100pF
Figure 3. Full-/Zero-Scale Adjust — Unipolar Output (0–10V)
MSB
LSB
11 10 9 8 7 6 5 4
21
1
24
20
22
23
18
19
14
15
17
12
5020
COMP
AMP
SUM
ANA GND
DIG GND
13
16
3 2
0.47
µF
LE1
VREF IN
VREF OUT
VOUT
VCC+
0.1
µF
VCC–
LE2
–VREF IN
10k
10T
80k
FULL SCALE
ADJUST
VREF ADJ
OUTPUT
5k
30pF
100pF
1M
VCC+
20k
10T
ZERO SCALE
ADJUST
VCC–
Figure 4. Bipolar Output Operation (–5 to +5V)
MSB
LSB
11 10 9 8 7 6 5 4
21
1
24
20
22
23
18
19
14
15
17
12
5020
COMP
AMP
SUM
ANA GND
DIG GND
13
16
3 2
0.47
µF
LE1
VREF IN
VREF OUT
VOUT
VCC+
0.1
µF
VCC–
LE2
–VREF IN
10k
10T
80k
VREF ADJ
OUTPUT
5k
30pF
100pF
1M
VCC+
20k
10T
FULL SCALE
ADJUST
VCC–
BIP OFF


Similar Part No. - NE5020

ManufacturerPart #DatasheetDescription
logo
NEC
NE500100 NEC-NE500100 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE500199 NEC-NE500199 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
NXP Semiconductors
NE5008 PHILIPS-NE5008 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
NE5019 PHILIPS-NE5019 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
More results

Similar Description - NE5020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
logo
National Semiconductor ...
ADC1001 NSC-ADC1001 Datasheet
201Kb / 9P
   10-Bit P Compatible A/D Converter
ADC1005 NSC-ADC1005 Datasheet
254Kb / 12P
   10-Bit P Compatible A/D Converter
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
National Semiconductor ...
ADC1005 NSC-ADC1005_09 Datasheet
446Kb / 16P
   10-Bit 關P Compatible A/D Converter
logo
Cadeka Microcircuits LL...
SPT574 CADEKA-SPT574 Datasheet
490Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
National Semiconductor ...
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com