Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55185ECRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # HC55185ECRZ
Description  VoIP Ringing SLIC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55185ECRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HC55185ECRZ Datasheet HTML 5Page - Intersil Corporation HC55185ECRZ Datasheet HTML 6Page - Intersil Corporation HC55185ECRZ Datasheet HTML 7Page - Intersil Corporation HC55185ECRZ Datasheet HTML 8Page - Intersil Corporation HC55185ECRZ Datasheet HTML 9Page - Intersil Corporation HC55185ECRZ Datasheet HTML 10Page - Intersil Corporation HC55185ECRZ Datasheet HTML 11Page - Intersil Corporation HC55185ECRZ Datasheet HTML 12Page - Intersil Corporation HC55185ECRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN4831.14
December 18, 2006
Design Equations
Loop Supervision Thresholds
SWITCH HOOK DETECT
The switch hook detect threshold is set by a single external
resistor, RSH. Equation 3 is used to calculate the value of RSH.
The term ISH is the desired DC loop current threshold. The
loop current threshold programming range is from 5mA to
15mA.
GROUND KEY DETECT
The ground key detector senses a DC current imbalance
between the Tip and Ring terminals when the ring terminal is
connected to ground. The ground key detect threshold is not
externally programmable and is internally fixed to 12mA
regardless of the switch hook threshold.
RING TRIP DETECT
The ring trip detect threshold is set by a single external
resistor, RRT. IRT should be set between the peak ringing
current and the peak off hook current while still ringing.
In addition, the ring trip current must be set below the
transient current limit, including tolerances. The capacitor
CRT, in parallel with RRT, will set the ring trip response time.
Loop Current Limit
The loop current limit of the device is programmed by the
external resistor RIL. The value of RIL can be calculated
using Equation 5:
The term ILIM is the desired loop current limit. The loop
current limit programming range is from 15mA to 45mA.
Impedance Matching
The impedance of the device is programmed with the
external component RS. RS is the gain setting resistor for
the feedback amplifier that provides impedance matching. If
complex impedance matching is required, then a complex
network can be substituted for RS.
RESISTIVE IMPEDANCE SYNTHESIS
The source impedance of the device, ZO , can be calculated
in Equation 6.
The required impedance is defined by the terminating
impedance and protection resistors as shown in Equation 7.
4-WIRE TO 2-WIRE GAIN
The 4-wire to 2-wire gain is defined as the receive gain. It is
a function of the terminating impedance, synthesized
impedance and protection resistors. Equation 8 calculates
the receive gain, G42.
When the device source impedance and protection resistors
equals the terminating impedance, the receive gain equals
unity.
2-WIRE TO 4-WIRE GAIN
The 2-wire to 4-wire gain (G24) is the gain from tip and ring to
the VTX output. The transmit gain is calculated in Equation 9.
When the protection resistors are set to zero, the transmit
gain is -6dB.
TRANSHYBRID GAIN
The transhybrid gain is defined as the 4-wire to 4-wire gain
(G44).
When the protection resistors are set to zero, the transhybrid
gain is -6dB.
COMPLEX IMPEDANCE SYNTHESIS
Substituting the impedance programming resistor, RS, with a
complex programming network provides complex
impedance synthesis.
The reference designators in the programming network
match the evaluation board. The component RS has a
different design equation than the RS used for resistive
impedance synthesis. The design equations for each
component are provided below.
R
SH
600 I
SH
=
(EQ. 3)
R
RT
1800 I
RT
=
(EQ. 4)
R
IL
1760
I
LIM
-------------
=
(EQ. 5)
R
S
133.3 Z
O
()
=
(EQ. 6)
Z
O
Z
L
2R
P
=
(EQ. 7)
G
42
2
Z
L
Z
O + 2RP + ZL
------------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 8)
G
24
Z
O
Z
O + 2 RP + ZL
------------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 9)
G
44
Z
O
Z
O
2R
P
Z
L
++
---------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 10)
FIGURE 2. COMPLEX PROGRAMMING NETWORK
2-WIRE
NETWORK
R1
R2
C2
PROGRAMMING
NETWORK
RSeries
RParallel
CParallel
R
Series
133.3
R
1
2R
P
()
()
×
=
(EQ. 11)
R
Parallel
133.3
R
2
×
=
(EQ. 12)
C
Parallel
C
2 133.3
⁄ ·
=
(EQ. 13)
HC55185


Similar Part No. - HC55185ECRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC55185ECRZ RENESAS-HC55185ECRZ Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
More results

Similar Description - HC55185ECRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com