Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7015-SP-0G0T Datasheet(PDF) 4 Page - Mimix Broadband

Part # CGB7015-SP-0G0T
Description  DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7015-SP-0G0T Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7015-SP-0G0T Datasheet HTML 1Page - Mimix Broadband CGB7015-SP-0G0T Datasheet HTML 2Page - Mimix Broadband CGB7015-SP-0G0T Datasheet HTML 3Page - Mimix Broadband CGB7015-SP-0G0T Datasheet HTML 4Page - Mimix Broadband CGB7015-SP-0G0T Datasheet HTML 5Page - Mimix Broadband CGB7015-SP-0G0T Datasheet HTML 6Page - Mimix Broadband CGB7015-SP-0G0T Datasheet HTML 7Page - Mimix Broadband CGB7015-SP-0G0T Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Typical Scattering Parameters
(Vd = +4.8V, Icc = 95 mA, T = 23°C, device in a 50 ohm system)
CGB7015-SC (-BD)
Frequency
S 11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.20
174
18.6
172
0.04
1
0.15
179
200
0.19
168
18.3
164
0.04
2
0.15
178
300
0.19
162
18.0
156
0.05
3
0.15
176
400
0.18
157
17.6
148
0.05
4
0.16
175
500
0.17
151
17.1
141
0.05
4
0.16
173
600
0.16
146
16.6
134
0.05
4
0.16
172
700
0.15
142
16.0
127
0.05
5
0.16
170
800
0.14
138
15.5
120
0.05
5
0.16
168
900
0.13
134
14.9
114
0.05
5
0.16
166
1000
0.12
131
14.3
107
0.05
5
0.16
163
1100
0.11
128
13.8
101
0.05
5
0.17
161
1200
0.10
126
13.3
95
0.06
4
0.17
158
1300
0.09
124
12.7
90
0.06
4
0.17
156
1400
0.08
123
12.2
84
0.06
3
0.17
153
1500
0.07
122
11.8
79
0.06
2
0.17
151
1600
0.06
123
11.3
74
0.06
1
0.17
148
1700
0.06
124
10.9
69
0.06
0
0.17
145
1800
0.05
128
10.5
64
0.07
-1
0.17
142
1900
0.04
133
10.1
59
0.07
-2
0.17
140
2000
0.04
139
9.8
54
0.07
-4
0.17
137
2100
0.04
146
9.4
50
0.07
-5
0.17
134
2200
0.04
152
9.1
45
0.07
-7
0.17
131
2300
0.04
158
8.8
40
0.08
-8
0.16
128
2400
0.04
164
8.5
36
0.08
-10
0.16
126
2500
0.04
168
8.3
32
0.08
-12
0.16
123
2600
0.04
170
8.0
27
0.08
-13
0.16
120
2700
0.05
172
7.8
23
0.09
-15
0.16
117
2800
0.05
173
7.5
19
0.09
-17
0.16
114
2900
0.05
172
7.3
15
0.09
-19
0.16
112
3000
0.06
172
7.1
11
0.09
-21
0.16
109
3100
0.06
171
6.9
7
0.09
-23
0.16
106
3200
0.06
169
6.7
3
0.10
-25
0.16
103
3300
0.07
166
6.6
-1
0.10
-27
0.16
100
3400
0.07
163
6.4
-6
0.10
-29
0.17
97
3500
0.07
159
6.3
-9
0.10
-32
0.17
94
3600
0.07
155
6.1
-13
0.11
-34
0.17
91
3700
0.08
151
6.0
-17
0.11
-36
0.17
88
3800
0.08
146
5.8
-21
0.11
-38
0.18
85
3900
0.08
141
5.7
-25
0.11
-41
0.18
82
4000
0.08
136
5.6
-29
0.11
-43
0.18
78
4100
0.08
130
5.4
-33
0.12
-46
0.19
75
4200
0.09
125
5.3
-37
0.12
-48
0.19
72
4300
0.09
118
5.2
-41
0.12
-51
0.20
69
4400
0.09
111
5.1
-45
0.12
-53
0.21
65
4500
0.09
104
5.0
-49
0.12
-56
0.21
62
4600
0.09
98
4.9
-53
0.13
-58
0.22
58
4700
0.10
91
4.8
-57
0.13
-61
0.23
55
4800
0.10
84
4.7
-61
0.13
-64
0.24
51
4900
0.10
76
4.6
-65
0.13
-66
0.24
48
5000
0.11
69
4.5
-69
0.13
-69
0.25
44
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-8.0 GHz InGaP HBT, MMIC or Packaged
Matched Gain Block Amplifier
September 2006 - Rev 26-Sep-06


Similar Part No. - CGB7015-SP-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7015-SP-0G0T MIMIX-CGB7015-SP-0G0T Datasheet
216Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
More results

Similar Description - CGB7015-SP-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7015-SC MIMIX-CGB7015-SC Datasheet
216Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7016-SC MIMIX-CGB7016-SC Datasheet
218Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7017-SC_0609 MIMIX-CGB7017-SC_0609 Datasheet
244Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC_0609 MIMIX-CGB7014-SC_0609 Datasheet
387Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC Datasheet
382Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7017-SC MIMIX-CGB7017-SC Datasheet
239Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7017-SC MIMIX-CGB7017-SC_07 Datasheet
229Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com