Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5503PRCRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # HC5503PRCRZ
Description  Low Cost SLIC For Large Telecom Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503PRCRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HC5503PRCRZ Datasheet HTML 2Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 3Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 4Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 5Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 6Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 7Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 8Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 9Page - Intersil Corporation HC5503PRCRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
15
15
PD
Power Denial - A low active TTL - Compatible logic input. When enabled, the ring feed voltage collapses
to the tip feed voltage (~4V). The DC feed is disabled, but the AC transmission is maintained. The switch
hook detect (SHD) is not necessarily valid, and the relay driver (RD) output is disabled.
16
16
RC
Ring Command - A low active TTL - Compatible logic input. When enabled, the relay driver (RD) output
goes low on the next high level of the ring sync (RS) input, as long as the SLIC is not in the power denial
state (PD = 0) or the subscriber is not already off- hook (SHD = 0).
17
NC
Leave disconnected.
18
20
OUT
The analog output of the spare operational amplifier.
19
21
-IN
The inverting analog input of the spare operational amplifier.
20
22
+IN
The non-inverting analog input of the spare operational amplifier.
21
23
RX
Receive Input, Four Wire Side - A high impedance analog input which is internally biased. Capacitive
coupling to this input is required. AC signals appearing at this input differentially drive the Tip feed and
Ring feed terminals.
22
25
C2
Capacitor #2 - An external capacitor to be connected between this terminal and analog ground. This
capacitor is required for the proper operation of ring trip detection. Recommended value 0.82
µF ±10%
10V non-polarized.
23
26
AG
Analog Ground - To be connected to zero potential and serves as a reference for the transmit output (TX)
and receive input (RX) terminals.
24
27
TX
Transmit Output, Four Wire Side - A low impedance analog output proportional to the loop current.
Transhybrid balancing must be performed beyond this output to completely implement two to four wire
conversion. This output is unbalanced and referenced to analog ground. Since the DC level of this output
varies with loop current, capacitive coupling to the next stage is essential.
2, 17,
18,24, 29,
30,
NC
No internal connection.
NOTE: All grounds (AG, BG, and DG) must be applied before VB+ or VB-. Failure to do so may result in premature failure of the part. If a user wishes
to run separate grounds off a line card, the AG must be applied first.
Pin Descriptions (Continued)
24 PIN
DIP/SOIC
7 x 7
QFN
SYMBOL
DESCRIPTION
HC5503PRC


Similar Part No. - HC5503PRCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503PRCRZ INTERSIL-HC5503PRCRZ Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Renesas Technology Corp
HC5503PRCRZ RENESAS-HC5503PRCRZ Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRCRZ96 INTERSIL-HC5503PRCRZ96 Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Renesas Technology Corp
HC5503PRCRZ96 RENESAS-HC5503PRCRZ96 Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
More results

Similar Description - HC5503PRCRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5503PRC RENESAS-HC5503PRC Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRI INTERSIL-HC5503PRI Datasheet
279Kb / 8P
   Low Cost SLIC For Large Telecom Switches
HC5503PRC INTERSIL-HC5503PRC Datasheet
106Kb / 9P
   Low Cost SLIC For Large Telecom Switches
December 1999
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
   LOW COST SLIC
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
Intersil Corporation
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
   Low Cost 24V SLIC For PABX / Key Systems
logo
Clare, Inc.
TS120 CLARE-TS120 Datasheet
121Kb / 8P
   Multifunction Telecom Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com