Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6603 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP6603
Description  Synchronous-Rectified Buck MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6603 Datasheet(HTML) 7 Page - Intersil Corporation

  HIP6603 Datasheet HTML 1Page - Intersil Corporation HIP6603 Datasheet HTML 2Page - Intersil Corporation HIP6603 Datasheet HTML 3Page - Intersil Corporation HIP6603 Datasheet HTML 4Page - Intersil Corporation HIP6603 Datasheet HTML 5Page - Intersil Corporation HIP6603 Datasheet HTML 6Page - Intersil Corporation HIP6603 Datasheet HTML 7Page - Intersil Corporation HIP6603 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Since both upper and lower gate capacitance can vary, Figure 7 shows dissipation curves versus lower gate capacitance with
upper gate capacitance held constant at three different values. These curves apply only to the HIP6601 due to power supply
configuration.
FIGURE 3. POWER DISSIPATION vs LOADING
FIGURE 4. POWER DISSIPATION vs FREQUENCY (HIP6603)
FIGURE 5. 3nF LOADING PROFILE (HIP6603)
FIGURE 6. VARIABLE LOADING PROFILE (HIP6603)
FIGURE 7. POWER DISSIPATION vs LOADING (HIP6601)
600
500
400
300
200
1.0
2.0
3.0
4.0
5.0
GATE CAPACITANCE (CU = CL), (nF)
FREQUENCY = 800kHz
PVCC = VCC = 12V
100
FREQUENCY = 500kHz
FREQUENCY = 200kHz
400
320
240
160
80
0
500
1000
1500
2000
FREQUENCY (kHz)
CU = CL = 5nF
CU = CL = 4nF
CU = CL = 3nF
CU = CL = 1nF
CU = CL = 2nF
PVCC = 5V VCC = 12V
300
240
180
120
60
0
500
1000
1500
2000
FREQUENCY (kHz)
CU = CL = 3nF
PVCC = 5V
CU = 3nF
CL = 1nF
VCC = 12V
250
200
150
100
50
1.0
2.0
3.0
4.0
5.0
GATE CAPACITANCE (CU = CL), (nF)
FREQUENCY = 800kHz
PVCC = 5V
0
FREQUENCY = 500kHz
FREQUENCY = 200kHz
VCC = 12V
1.0
2.0
3.0
4.0
5.0
400
FREQUENCY (kHz)
CU = 5nF
PVCC = 5V VCC = 12V
350
300
200
150
100
CU = 3nF
CU = 1nF
HIP6601, HIP6603


Similar Part No. - HIP6603

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6603 INTERSIL-HIP6603 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6603 RENESAS-HIP6603 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Intersil Corporation
HIP6603A INTERSIL-HIP6603A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6603A RENESAS-HIP6603A Datasheet
489Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
August 2004
logo
Intersil Corporation
HIP6603ACB INTERSIL-HIP6603ACB Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - HIP6603

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com