Electronic Components Datasheet Search |
|
74VCX162240 Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
74VCX162240 Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 8 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 2) Recommended Operating Conditions (Note 4) Note 2: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Rat- ings. The “Recommended Operating Conditions” table will define the condi- tions for actual device operation. Note 3: IO Absolute Maximum Rating must be observed. Note 4: Floating or unused inputs must be held HIGH or LOW. DC Electrical Characteristics Supply Voltage (VCC) 0.5V to 4.6V DC Input Voltage (VI) 0.5V to 4.6V Output Voltage (VO) Outputs 3-STATED 0.5V to 4.6V Outputs Active (Note 3) 0.5V to VCC 0.5V DC Input Diode Current (IIK) VI 0V 50.0 mA DC Output Diode Current (IOK) VO 0V 50.0 mA VO ! VCC 50.0 mA DC Output Source/Sink Current (IOH/IOL) r50.0 mA DC VCC or GND Current per Supply Pin (ICC or GND) r100 mA Storage Temperature Range (TSTG) 65qC to 150qC Power Supply Operating 1.4V to 3.6V Data Retention Only 1.2V to 3.6V Input Voltage 0.3V to 3.6V Output Voltage (VO) Output in Active States 0V to VCC Output in 3-State 0.0V to 3.6V Output Current in IOH/IOL VCC 3.0V to 3.6V r12.0 mA VCC 2.3V to 2.7V r8.0 mA VCC 1.65V to 2.3V r3.0 mA VCC 1.4V to 1.6V r2.0 mA Free Air Operating Temperature (TA) 40qC to 85qC Minimum Input Edge Rate ( 't/'V) VIN 0.8V to 2.0V, VCC 3.0V 10.0 ns/V Symbol Parameter Conditions VCC Min Max Units (V) VIH HIGH Level Input Voltage 2.7 3.6 2.0 V 2.3 2.7 1.6 1.65 - 2.3 0.65 u VCC 1.4 - 1.6 0.65 u VCC VIL LOW Level Input Voltage 2.7 3.6 0.8 V 2.3 2.7 0.7 1.65 - 2.3 0.35 u VCC 1.4 - 1.6 0.35 u VCC VOH HIGH Level Output Voltage IOH 100 PA2.7 3.6 VCC 0.2 V IOH 6 mA 2.7 2.2 IOH 8 mA 3.0 2.4 IOH 12 mA 3.0 2.2 IOH 100 PA2.3 2.7 VCC 0.2 IOH 4 mA 2.3 2.0 IOH 6 mA 2.3 1.8 IOH 8 mA 2.3 1.7 IOH 100 PA 1.65 - 2.3 VCC 0.2 IOH 3 mA 1.65 1.25 IOH 100 PA 1.4 - 1.6 VCC 0.2 IOH 1 mA 1.4 1.05 |
Similar Part No. - 74VCX162240 |
|
Similar Description - 74VCX162240 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |