Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX16841 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74VCX16841
Description  Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX16841 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74VCX16841_04 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX16841_04 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX16841_04 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX16841_04 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX16841_04 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX16841_04 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX16841_04 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX16841_04 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX16841_04 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Connection Diagram
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
O0 = Previous O0 before HIGH-to-LOW of Latch Enable
Functional Description
The 74VCX16841 contains twenty D-type latches with
3-STATE outputs. The device is byte controlled with each
byte functioning identically, but independent of the other.
Control pins can be shorted together to obtain full 20-bit
operation. The following description applies to each byte.
When the Latch Enable (LEn) input is HIGH, data on the Dn
enters the latches. In this condition the latches are trans-
parent, i.e., a latch output will change states each time its
D-type input changes. When LEn is LOW, the latches store
information that was present on the D-type inputs a setup
time preceding the HIGH-to-LOW transition on LEn. The
3-STATE outputs are controlled by the Output Enable
(OEn) input. When OEn is LOW the standard outputs are in
the 2-state mode. When OEn is HIGH, the standard outputs
are in the high impedance mode but this does not interfere
with entering new data into the latches.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Inputs
Outputs
LE1
OE1
D0–D9
O0–O9
XH
X
Z
HL
L
L
HL
H
H
LL
X
O0
Inputs
Outputs
LE2
OE2
D10–D19
O10–O19
XH
X
Z
HL
L
L
HL
H
H
LL
X
O0


Similar Part No. - 74VCX16841_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16841MTD FAIRCHILD-74VCX16841MTD Datasheet
65Kb / 7P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74VCX16841_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16841 FAIRCHILD-74VCX16841 Datasheet
65Kb / 7P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16841 FAIRCHILD-74ALVC16841 Datasheet
95Kb / 6P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX32373 FAIRCHILD-74VCX32373 Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16841FT TOSHIBA-TC74VCX16841FT Datasheet
379Kb / 11P
   LOW VOLTAGE 20-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162841FT TOSHIBA-TC74VCX162841FT Datasheet
383Kb / 11P
   LOW VOLTAGE 20-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com