Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55121 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HC55121
Description  Low Power Universal SLIC Family
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55121 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HC55121 Datasheet HTML 5Page - Intersil Corporation HC55121 Datasheet HTML 6Page - Intersil Corporation HC55121 Datasheet HTML 7Page - Intersil Corporation HC55121 Datasheet HTML 8Page - Intersil Corporation HC55121 Datasheet HTML 9Page - Intersil Corporation HC55121 Datasheet HTML 10Page - Intersil Corporation HC55121 Datasheet HTML 11Page - Intersil Corporation HC55121 Datasheet HTML 12Page - Intersil Corporation HC55121 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
INSERTION LOSS
2-Wire to 4-Wire
Forward and Reverse
0dBm, 1kHz
•••
PTG = Open (Note 19, Figure 8)
-0.2
-
0.2
dB
Forward
Only
Forward
Only
PTG = GND (Note 20, Figure 8)
-6.22
-6.02
-5.82
dB
4-Wire to 2-Wire
Forward and Reverse
0dBm, 1kHz (Note 21, Figure 8)
-0.2
-
0.2
dB
Forward
Only
Forward
Only
•••
GAIN TRACKING (Ref = -10dBm, at 1.0kHz)
2-Wire to 4-Wire
Forward and Reverse
-40dBm to +3dBm (Note 22, Figure 8)
-0.1
-
0.1
dB
Forward
Only
Forward
Only
•••
-55dBm to -40dBm (Note 22, Figure 8)
-0.2
-
0.2
dB
4-Wire to 2-Wire
Forward and Reverse
-40dBm to +3dBm (Note 23, Figure 8)
-0.1
-
0.1
dB
Forward
Only
Forward
Only
•••
-55dBm to -40dBm (Note 23, Figure 8)
-0.2
-
0.2
dB
NOISE
Idle Channel Noise at 2-Wire
C-Message Weighting
-
10.5
13
dBrnC
Forward
Only
Forward
Only
•••
Forward and Reverse
Psophometric Weighting (Note 24,
Note 30, Figure 9)
-
-79.5
-77
dBmp
Idle Channel Noise at 4-Wire
C-Message Weighting
-
10.5
13
dBrnC
Forward
Only
Forward
Only
•••
Forward and Reverse
Psophometrical Weighting
(Note 25, Note 30, Figure 9)
-
-79.5
-77
dBmp
HARMONIC DISTORTION
2-Wire to 4-Wire
Forward and Reverse
0dBm, 0.3kHz to 3.4kHz
(Note 26, Figure 7)
-
-67
-50
dB
Forward
Only
Forward
Only
•••
4-Wire to 2-Wire
Forward and Reverse
0dBm, 0.3kHz to 3.4kHz
(Note 27, Figure 8)
-
-67
-50
dB
Forward
Only
Forward
Only
•••
FIGURE 10. CONSTANT LOOP CURRENT TOLERANCE
FIGURE 11. TIPX VOLTAGE
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V ±5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0Ω, ZT = 120kΩ, RLIM = 38.3kΩ, RD = 50kΩ, RDC_RAC = 20kΩ,
ROH = 40kΩ, CH = 0.1µF, CDC = 4.7µF, CRT/REV = 0.47µF, GND = 0V, RL = 600Ω. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1
HC55140/1
HC55142/3
HC55150/1
600
VTR
RL
TIP
RING
VTX
VRX
RLIM
RLIM
38.3k
TIP
RING
S
R1
7k
VBH
VTX
VRX
IR1


Similar Part No. - HC55121

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55121 INTERSIL-HC55121 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
logo
Renesas Technology Corp
HC55121 RENESAS-HC55121 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Intersil Corporation
HC55121IB INTERSIL-HC55121IB Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
logo
Renesas Technology Corp
HC55121IB RENESAS-HC55121IB Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
HC55121IBZ RENESAS-HC55121IBZ Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
More results

Similar Description - HC55121

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com