Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55142IMZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # HC55142IMZ
Description  Low Power Universal SLIC Family
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55142IMZ Datasheet(HTML) 5 Page - Intersil Corporation

  HC55142IMZ Datasheet HTML 1Page - Intersil Corporation HC55142IMZ Datasheet HTML 2Page - Intersil Corporation HC55142IMZ Datasheet HTML 3Page - Intersil Corporation HC55142IMZ Datasheet HTML 4Page - Intersil Corporation HC55142IMZ Datasheet HTML 5Page - Intersil Corporation HC55142IMZ Datasheet HTML 6Page - Intersil Corporation HC55142IMZ Datasheet HTML 7Page - Intersil Corporation HC55142IMZ Datasheet HTML 8Page - Intersil Corporation HC55142IMZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V ±5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0Ω, ZT = 120kΩ, RLIM = 38.3kΩ, RD = 50kΩ, RDC_RAC = 20kΩ,
ROH = 40kΩ, CH = 0.1µF, CDC = 4.7µF, CRT/REV = 0.47µF, GND = 0V, RL = 600Ω. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1
HC55140/1
HC55142/3
HC55150/1
2-WIRE PORT
Overload Level, Off Hook
Forward and Reverse
1% THD, IDCMET ≥ 18mA
(Note 2, Figure 1)
3.2
-
-
VPEAK
Forward
Only
Forward
Only
•••
Overload Level, On Hook
Forward and Reverse
1% THD, IDCMET
≤ 5mA
(Note 3, Figure 1)
1.3
-
-
VPEAK
Forward
Only
Forward
Only
•••
Input Impedance (Into Tip and Ring)
-
ZT/200
-
••••••
Longitudinal Impedance (Tip, Ring)
Forward and Reverse
0 < f < 100Hz (Note 4, Figure 2)
-
0
-
Ω/Wire
Forward
Only
Forward
Only
•••
LONGITUDINAL CURRENT LIMIT (TIP, RING)
On-Hook, Off-Hook (Active),
RL = 736Ω
Forward and Reverse
No False Detections, (Loop
Current), LB > 45dB (Notes 5, 6,
Figures 3A, 3B)
28
-
-
mARMS/Wire Forward
Only
Forward
Only
•••
FIGURE 1. OVERLOAD LEVEL (OFF HOOK, ON HOOK)
FIGURE 2. LONGITUDINAL IMPEDANCE
FIGURE 3A. LONGITUDINAL CURRENT LIMIT ON-HOOK (ACTIVE)
FIGURE 3B. LONGITUDINAL CURRENT LIMIT OFF-HOOK (ACTIVE)
TIP
VTX
RING
VRX
ERX
RL
VTR
IDCMET
EL
VT
C
0 < f < 100Hz
VR
LZT = VT/AT
LZR = VR/AR
1VRMS
300
300
TIP
RING
AT
AR
VTX
VRX
EL
368
368
A
TIP
RING
SHD
C
10
µF
C
10
µF
A
VTX
VRX
EL
368
368
C
A
TIP
RING
SHD
A
VTX
VRX
VTX


Similar Part No. - HC55142IMZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC55142IMZ RENESAS-HC55142IMZ Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
HC55142IMZ96 RENESAS-HC55142IMZ96 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
More results

Similar Description - HC55142IMZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com