Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP1016 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP1016
Description  Power Distribution Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1016 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP1016 Datasheet HTML 1Page - Intersil Corporation HIP1016 Datasheet HTML 2Page - Intersil Corporation HIP1016 Datasheet HTML 3Page - Intersil Corporation HIP1016 Datasheet HTML 4Page - Intersil Corporation HIP1016 Datasheet HTML 5Page - Intersil Corporation HIP1016 Datasheet HTML 6Page - Intersil Corporation HIP1016 Datasheet HTML 7Page - Intersil Corporation HIP1016 Datasheet HTML 8Page - Intersil Corporation HIP1016 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Absolute Maximum Ratings TA = 25oC
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +16V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+8V
ISEN, PGOOD, PWRON, CTIM, ISET. . . . . . . . -0.3V to VDD + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5kV
Operating Conditions
VDD Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . +12v+/-15%
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . 0
oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
98
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. (See Tech Brief, #TB379.1 for
details.)
2. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
VDD = 12V, TA = TJ = 0
oC to 85oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISET Current Source
IISET
18.5
20
21.5
µA
Current Limit Amp Offset Voltage
VISET - VISEN
-6
0
6
mV
Current Limit Time-Out Threshold Voltage
CTIM_Vth
CTIM Voltage
1.3
1.8
2.3
V
GATE Response Time To Severe
Overcurrent
pd_woc_amp
VGATE to 10.8V
-
100
-
ns
GATE Response Time to Overcurrent
pd_oc_amp
VGATE to 10.8V
600
ns
GATE Turn-On Current
IGATE
VGATE to = 6V
8.4
10
11.6
µA
GATE Pull down Current
OC_GATE_I_4V
Overcurrent
45
75
mA
GATE Pull down Current
WOC_GATE_I_4V
Severe Overcurrent
0.5
0.8
1.5
A
HIP1015 Undervoltage Threshold
12VUV_VTH
9.2
9.6
10
V
HIP1015 Undervoltage Disabled
12VUV_VTH_dis
VDD+1.9V VDD+2.5V
V
HIP1015 GATE High Voltage
12VG
GATE Voltage
VDD+4.5V
VDD+5V
-
V
HIP1016 Undervoltage Threshold
5VUV_VTH
4.0
4.35
4.5
V
HIP1016 Undervoltage Disabled
5VUV_VTH_dis
VDD-3V
VDD-2.5V
V
HIP1016 GATE High Voltage
5VG
GATE Voltage
VDD-1.5V
VDD
-V
VDD Supply Current
IVDD
-3
5
mA
VDD POR Rising Threshold
VDD_POR_L2H
VDD Low to High
7.8
8.4
9
V
VDD POR Falling Threshold
VDD_POR_H2L
VDD High to Low
7.5
8.1
8.7
V
VDD POR Threshold Hysteresis
VDD_POR_HYS
VDD_POR_L2H - VDD_POR_H2L
0.1
0.3
0.6
V
PWRON Pull-up Voltage
PWRN_V
PWRON Pin Open
2.7
3.2
-
V
PWRON Rising Threshold
PWR_Vth
1.4
1.7
2.0
V
PWRON Hysteresis
PWR_hys
130
170
250
mV
PWRON Pull-Up Current
PWRN_I
9
17
25
µA
CTIM Charging Current
CTIM_ichg0
VCTIM = 0V
16
20
23
µA
CTIM Fault pull-up Current
16
20
23
mA
HIP1015 ISEN Current
ISEN_5V_I
41
72
88
µA
HIP1016 ISEN Current
ISEN_5V_I
100
145
170
µA
HIP1015,HIP1016


Similar Part No. - HIP1016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1016 INTERSIL-HIP1016 Datasheet
200Kb / 10P
   Power Distribution Controllers
HIP1016CB INTERSIL-HIP1016CB Datasheet
200Kb / 10P
   Power Distribution Controllers
logo
Renesas Technology Corp
HIP1016CB RENESAS-HIP1016CB Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
HIP1016CB-T INTERSIL-HIP1016CB-T Datasheet
200Kb / 10P
   Power Distribution Controllers
logo
Renesas Technology Corp
HIP1016CB-T RENESAS-HIP1016CB-T Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
More results

Similar Description - HIP1016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com