Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-390 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI-390
Description  Dual SPDT CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-390 Datasheet(HTML) 4 Page - Intersil Corporation

  HI-390_02 Datasheet HTML 1Page - Intersil Corporation HI-390_02 Datasheet HTML 2Page - Intersil Corporation HI-390_02 Datasheet HTML 3Page - Intersil Corporation HI-390_02 Datasheet HTML 4Page - Intersil Corporation HI-390_02 Datasheet HTML 5Page - Intersil Corporation HI-390_02 Datasheet HTML 6Page - Intersil Corporation HI-390_02 Datasheet HTML 7Page - Intersil Corporation HI-390_02 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
POWER SUPPLY CHARACTERISTICS
Current, I+
(Note 8)
25
-
0.09
0.5
mA
Full
-
-
1
mA
Current, I-
(Note 8)
25
-
0.01
10
µA
Full
-
-
100
µA
Current, I+
(Note 9)
25
-
0.01
10
µA
Full
-
-
100
µA
Current, I-
(Note 9)
25
-
0.01
10
µA
Full
-
-
100
µA
NOTES:
2. VS = ±10V, IOUT = 10mA. On resistance derived from the voltage measured across the switch under these conditions.
3. VS = ±14V, VD = 14V.
4. VS = VD = ±14V.
5. The digital inputs are diode protected MOS gates and typical leakages of 1nA or less can be expected.
6. VS = 1VRMS, f = 500kHz, CL = 15pF, RL = 1K, CL = CFIXTURE + CPROBE, OFF Isolation = 20 Log VS/VD.
7. VS = 0V, CL = 10nF, Logic Drive = 5V pulse. Switches are symmetrical; S and D may be interchanged. Charge Injection = Q = CL x ∆V.
8. VIN = 4V (one input, all other inputs = 0V).
9. VIN = 0.8V (all inputs).
Electrical Specifications
Supplies = +15V, -15V; VIN = Logic Input. VIN for Logic “1” = 4V, for Logic “0” = 0.8V,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP (oC)
MIN
TYP
MAX
UNITS
Test Circuits and Waveforms
FIGURE 1A. TEST CIRCUIT
FIGURE 1B. LOGIC INPUT
FIGURE 1C. VANALOG = 10V
FIGURE 1D. VANALOG = 5V
15V
V+
D
RL
10k
CL
10pF
V-
-15V
GND
VLOGIC
VGEN
RGEN = 0
S
IN
TIME (
µs)
6
4
2
0
0
0.4
0.8
1.2
1.6
LOGIC INPUT
TIME (
µs)
10
5
0
0
0.4
0.8
1.2
1.6
VGEN = 10V
(NOTE 10)
TIME (
µs)
5
0
0
0.4
0.8
1.2
1.6
VGEN = 5V
HI-390


Similar Part No. - HI-390_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-390 INTERSIL-HI-390 Datasheet
56Kb / 7P
   CMOS Analog Switch
July 1999
HI-390 INTERSIL-HI-390 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI-390 RENESAS-HI-390 Datasheet
295Kb / 8P
   Dual SPDT CMOS Analog Switch
August 2002
More results

Similar Description - HI-390_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH5043CPE INTERSIL-IH5043CPE Datasheet
133Kb / 7P
   Dual SPDT CMOS Analog Switch
IH5151 INTERSIL-IH5151 Datasheet
155Kb / 7P
   Dual SPDT, CMOS Analog Switch
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
logo
Renesas Technology Corp
HI-303 RENESAS-HI-303 Datasheet
384Kb / 11P
   Dual SPDT CMOS Analog Switch
November 2003
HI-390 RENESAS-HI-390 Datasheet
295Kb / 8P
   Dual SPDT CMOS Analog Switch
August 2002
logo
Intersil Corporation
HI-303883 INTERSIL-HI-303883 Datasheet
240Kb / 11P
   Dual SPDT CMOS Analog Switch
logo
Calogic, LLC
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com