Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGFC5216 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGFC5216
Description  Q-Band 4-Stage Driver Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC5216 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGFC5216 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC5216 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFC5216 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGFC5216 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MITSUBISHI SEMICONDUCTOR <GaAs MMIC>
MITSUBISHI
ELECTRIC
PRELIMINARY
Notice : This is not a final specification
Some parametric limits are subject to change.
as of July '98
MGFC5216
Q-Band 4-Stage Driver Amplifier
DIE SIZE AND BOND PAD LOCATION(UNIT : µM)
RFin
RFout
Vg1
Vg2
Vg3
Vg4
Vd1
Vd2
Vd3
Vd4
GND
RFin
RFout
X=1.99 mm
Y=0.83 mm
Bond Pad Dimension=0.07 x 0.15 mm2 (RF)
0.1 x 0.1 mm2 (DC)
(165.0, 125.5)
(515.0, 130.0)
(965.0, 130.0)
(1350.0, 130.0)
(1695.0, 130.0)
(270.0, 700.0)
(630.0, 700.0)
(990.0, 700.0)
(1395.0, 700.0)
(1875.0, 445.0)
(115.0, 445.0)


Similar Part No. - MGFC5216

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC5211 MITSUBISHI-MGFC5211 Datasheet
24Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5212 MITSUBISHI-MGFC5212 Datasheet
33Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5213 MITSUBISHI-MGFC5213 Datasheet
28Kb / 4P
   K-Band 2-Stage Power Amplifier
MGFC5214 MITSUBISHI-MGFC5214 Datasheet
34Kb / 4P
   Q-Band 2-Stage Power Amplifier
MGFC5215 MITSUBISHI-MGFC5215 Datasheet
26Kb / 4P
   K-Band 2-Stage Power Amplifier
More results

Similar Description - MGFC5216

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC5214 MITSUBISHI-MGFC5214 Datasheet
34Kb / 4P
   Q-Band 2-Stage Power Amplifier
logo
TriQuint Semiconductor
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
TGA4042 TRIQUINT-TGA4042 Datasheet
407Kb / 10P
   Q-Band Driver Amplifier
TGA4042 TRIQUINT-TGA4042_15 Datasheet
407Kb / 10P
   Q-Band Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-011167 MA-COM-MAAM-011167 Datasheet
1Mb / 10P
   Stage Driver Amplifier for E Band
logo
TriQuint Semiconductor
TGA2507-SM TRIQUINT-TGA2507-SM_15 Datasheet
311Kb / 11P
   Ku-Band 3-Stage Driver Packaged Amplifier
TGA2507-SM TRIQUINT-TGA2507-SM Datasheet
113Kb / 10P
   Ku-Band 3-Stage Driver Packaged Amplifier
logo
First Silicon Co., Ltd
FTA916 FS-FTA916 Datasheet
97Kb / 2P
   Driver stage amplifier
logo
TriQuint Semiconductor
TGA2507 TRIQUINT-TGA2507_15 Datasheet
298Kb / 10P
   12 18 GHz Ku-Band 3-Stage Driver Amplifier
TGA2506 TRIQUINT-TGA2506_15 Datasheet
286Kb / 11P
   12 18 GHz Ku-Band 2-Stage Driver Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com