Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA3200AKO3BW Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # ADA3200AKO3BW
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200AKO3BW Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button ADA3200AKO3BW Datasheet HTML 4Page - Advanced Micro Devices ADA3200AKO3BW Datasheet HTML 5Page - Advanced Micro Devices ADA3200AKO3BW Datasheet HTML 6Page - Advanced Micro Devices ADA3200AKO3BW Datasheet HTML 7Page - Advanced Micro Devices ADA3200AKO3BW Datasheet HTML 8Page - Advanced Micro Devices ADA3200AKO3BW Datasheet HTML 9Page - Advanced Micro Devices ADA3200AKO3BW Datasheet HTML 10Page - Advanced Micro Devices ADA3200AKO3BW Datasheet HTML 11Page - Advanced Micro Devices ADA3200AKO3BW Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
8
AMD Athlon™ 64 Processor
1 AMD Athlon™ 64 Processor
The following sections contain thermal/power and related BIOS specifications for AMD Athlon™ 64
processors. Each column in the BIOS and thermal/power tables represents a specific Ordering Part
Number (OPN). Section 1.1 provides an example of the OPN structure for this processor family.
For all other electrical specifications for the processor, refer to the AMD Athlon™ 64 Product Data
Sheet, order #24659. For power management BIOS requirements, refer to the BIOS and Kernel
Developer’s Guide for AMD Athlon™ 64 Processors and AMD Opteron™ Processors, order #26094.
1.1 Ordering Part Number Description
Figure 1. AMD Athlon™ 64 Processor Ordering Part Number Example
Table 2: AMD Athlon™ 64 Processor Part Definition Options
Part
Definition
Revision
Package
Drawing
AP
Rev C0
Lidded
AR
Rev CG
Lidded
AS
Rev CG
D1
AW
Rev CG
D1
AX
Rev CG
Lidded
BI
Rev D0
D1
BN
Rev E4
D1
BP
Rev E3
D2
BW
Rev E6
D2
Part Definition: AP= Rev C0 (see Table 2)
L2 Cache Size: 5= 1 Megabyte (see Table 3)
Case Temperature: P= 70oC (see Table 4)
Operating Voltage: E= 1.50 V (see Table 5)
Package: A= 754 pin lidded O
μPGA (see Table 6)
Model Number: 3200: see Table 7
Brand: AMD Athlon™ 64 Desktop


Similar Part No. - ADA3200AKO3BW

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
   AMD Athlon 64 Processor Power and Thermal Data Sheet
More results

Similar Description - ADA3200AKO3BW

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
   AMD Athlon 64 Processor Power and Thermal Data Sheet
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
   AMD ATHLON VID/FID INTERFACE
logo
List of Unclassifed Man...
VT8363A ETC2-VT8363A Datasheet
681Kb / 54P
   KT133A AMD ATHLON??NORTH BRIDGE
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com