Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5960IBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI5960IBZ
Description  14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5960IBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI5960IBZ Datasheet HTML 2Page - Intersil Corporation HI5960IBZ Datasheet HTML 3Page - Intersil Corporation HI5960IBZ Datasheet HTML 4Page - Intersil Corporation HI5960IBZ Datasheet HTML 5Page - Intersil Corporation HI5960IBZ Datasheet HTML 6Page - Intersil Corporation HI5960IBZ Datasheet HTML 7Page - Intersil Corporation HI5960IBZ Datasheet HTML 8Page - Intersil Corporation HI5960IBZ Datasheet HTML 9Page - Intersil Corporation HI5960IBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
+3V Power Supply
Spurious Free Dynamic Range,
SFDR to Nyquist (fCLK/2)
fCLK = 130MSPS, fOUT = 40.4MHz (Notes 4, 8)
-
48
-
dBc
fCLK = 130MSPS, fOUT = 10.1MHz (Notes 4, 8)
-
66
-
dBc
fCLK = 130MSPS, fOUT = 5.02MHz (Notes 4, 8)
-
74
-
dBc
fCLK = 100MSPS, fOUT = 40.4MHz (Notes 4, 8)
-
49
-
dBc
fCLK = 100MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
59
-
dBc
fCLK = 100MSPS, fOUT = 5.04MHz (Notes 4, 8)
-
72
-
dBc
fCLK = 100MSPS, fOUT = 2.51MHz (Notes 4, 8)
-
77
-
dBc
fCLK = 50MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
56
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, T = 25
oC (Notes 4, 8)
68
73
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, T = Min to Max (Notes 4, 8)
66
-
-
dBc
fCLK = 50MSPS, fOUT = 2.51MHz (Notes 4, 8)
-
76
-
dBc
fCLK = 50MSPS, fOUT = 1.00MHz (Notes 4, 8)
-
79
-
dBc
fCLK = 25MSPS, fOUT = 1.0MHz (Notes 4, 8)
-
78
-
dBc
+3V Power Supply
Multitone Power Ratio
fCLK = 20MSPS, fOUT = 2.0MHz to 2.99MHz, 8 Tones at 110kHz
Spacing (Notes 4, 8)
-75
-
dBc
fCLK = 100MSPS, fOUT = 10MHz to 14.95MHz, 8 Tones at 530kHz
Spacing (Notes 4, 8)
-77
-
dBc
VOLTAGE REFERENCE
Internal Reference Voltage, VFSADJ
Pin 18 Voltage with Internal Reference
1.13
1.2
1.28
V
Internal Reference Voltage Drift
-
±60
-
ppm
/οΧ
Internal Reference Output Current
Sink/Source Capability
-
±50
-
µA
Reference Input Impedance
-1
-
M
Reference Input Multiplying Bandwidth (Note 8)
-
1.4
-
MHz
DIGITAL INPUTS
D11-D0, CLK
Input Logic High Voltage with
5V Supply, VIH
(Note 3)
3.5
5
-
V
Input Logic High Voltage with
3V Supply, VIH
(Note 3)
2.1
3
-
V
Input Logic Low Voltage with
5V Supply, VIL
(Note 3)
-
0
1.3
V
Input Logic Low Voltage with
3V Supply, VIL
(Note 3)
-
0
0.9
V
Sleep Input Current, IIH
-25
-
+25
µA
Input Logic Current, IIH
-20
-
+20
µA
Input Logic Current, IIL
-10
-
+10
µA
Digital Input Capacitance, CIN
-5
-
pF
TIMING CHARACTERISTICS
Data Setup Time, tSU
See Figure 4 (Note 3)
-
1.5
-
ns
Data Hold Time, tHLD
See Figure 4 (Note 3)
-
1.2
-
ns
Propagation Delay Time, tPD
See Figure 4
-
2.5
-
ns
CLK Pulse Width, tPW1, tPW2
See Figure 4 (Note 3)
4
-
-
ns
Electrical Specifications
AVDD = DVDD = +5V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25
oC for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HI5960


Similar Part No. - HI5960IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5960IBZ INTERSIL-HI5960IBZ Datasheet
302Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converte
March 31, 2005
logo
Renesas Technology Corp
HI5960IBZ RENESAS-HI5960IBZ Datasheet
552Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converter
More results

Similar Description - HI5960IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5960 INTERSIL-HI5960 Datasheet
88Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
logo
Analog Devices
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
logo
Intersil Corporation
HI5721 INTERSIL-HI5721 Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
HI5741 INTERSIL-HI5741 Datasheet
159Kb / 12P
   14-Bit, 100 MSPS, High Speed D/A Converter
May 2000
logo
Analog Devices
AD9754ARURL7 AD-AD9754ARURL7 Datasheet
326Kb / 24P
   14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD9754 AD-AD9754 Datasheet
327Kb / 24P
   14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com