Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5860IB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI5860IB
Description  12-Bit, 130MSPS, High Speed D/A Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5860IB Datasheet(HTML) 4 Page - Intersil Corporation

  HI5860IB Datasheet HTML 1Page - Intersil Corporation HI5860IB Datasheet HTML 2Page - Intersil Corporation HI5860IB Datasheet HTML 3Page - Intersil Corporation HI5860IB Datasheet HTML 4Page - Intersil Corporation HI5860IB Datasheet HTML 5Page - Intersil Corporation HI5860IB Datasheet HTML 6Page - Intersil Corporation HI5860IB Datasheet HTML 7Page - Intersil Corporation HI5860IB Datasheet HTML 8Page - Intersil Corporation HI5860IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN4654.6
May 4, 2005
Absolute Maximum Ratings
Thermal Information
Digital Supply Voltage DVDD to DCOM . . . . . . . . . . . . . . . . . +5.5V
Analog Supply Voltage AVDD to ACOM. . . . . . . . . . . . . . . . . . +5.5V
Grounds, ACOM TO DCOM . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Digital Input Voltages (D11-D0, CLK, SLEEP) . . . . . . . DVDD + 0.3V
Reference Input Voltage Range. . . . . . . . . . . . . . . . . . AVDD + 0.3V
Analog Output Current (IOUT) . . . . . . . . . . . . . . . . . . . . . . . . . 24mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C°C
Thermal Resistance (Typical, Note 1)
θJA(°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
AVDD = DVDD = +5V (except where otherwise noted), VREF = Internal 1.2V, IOUTFS = 20mA,
TA = 25°C for All Typical Value
PARAMETER
TEST CONDITIONS
TA = -40°C TO 85°C
UNITS
MIN
TYP
MAX
SYSTEM PERFORMANCE
Resolution
12
-
-
Bits
Integral Linearity Error, INL
“Best Fit” Straight Line (Note 8)
-2.0
±0.5
+2.0
LSB
Differential Linearity Error, DNL
(Note 8)
-1.0
±0.5
+1.0
LSB
Offset Error, IOS
(Note 8)
-0.025
-
+0.025
% FSR
Offset Drift Coefficient
(Note 8)
-
0.1
-
ppm
FSR/°C°
C
Full Scale Gain Error, FSE
With External Reference (Notes 2, 8)
-10
±2
+10
% FSR
With Internal Reference (Notes 2, 8)
-10
±1
+10
% FSR
Full Scale Gain Drift
With External Reference (Note 8)
-
±50
-
ppm
FSR/°C
With Internal Reference (Note 8)
-
±100
-
ppm
FSR/°C
Full Scale Output Current, IFS
2
-
20
mA
Output Voltage Compliance Range
(Note 3, 8)
-0.3
-
1.25
V
DYNAMIC CHARACTERISTICS
Maximum Clock Rate, fCLK
(Note 3)
130
-
-
MHz
Output Settling Time, (tSETT)
±0.05% (±2 LSB) (Note 8)
-
35
-
ns
Singlet Glitch Area (Peak Glitch)
RL = 25Ω (Note 8)
-
5
-
pV•s
Output Rise Time
Full Scale Step
-
2.5
-
ns
Output Fall Time
Full Scale Step
-
2.5
-
ns
Output Capacitance
-
10
-
pF
Output Noise
IOUTFS = 20mA
-
50
-
pA/
√Hz
IOUTFS = 2mA
-
30
-
pA/
√Hz
AC CHARACTERISTICS
+5V Power Supply
Spurious Free Dynamic Range,
SFDR Within a Window
fCLK = 100MSPS, fOUT = 20.2MHz, 10MHz Span (Notes 4, 8)
-
77
-
dBc
fCLK = 100MSPS, fOUT = 5.04MHz, 4MHz Span (Notes 4, 8)
-
95
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, 2MHz Span (Notes 4, 8)
-
95
-
dBc
HI5860


Similar Part No. - HI5860IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5860IB INTERSIL-HI5860IB Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
HI5860IB INTERSIL-HI5860IB Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
HI5860IB INTERSIL-HI5860IB Datasheet
683Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
logo
Renesas Technology Corp
HI5860IB RENESAS-HI5860IB Datasheet
586Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5860IBZ INTERSIL-HI5860IBZ Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
More results

Similar Description - HI5860IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5860 RENESAS-HI5860 Datasheet
586Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5860IA INTERSIL-HI5860IA Datasheet
683Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
ISL76161 INTERSIL-ISL76161 Datasheet
497Kb / 12P
   12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL76161 RENESAS-ISL76161 Datasheet
917Kb / 12P
   12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
December 23, 2013
HI5960 RENESAS-HI5960 Datasheet
552Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converter
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
   12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
Intersil Corporation
HI5960IB INTERSIL-HI5960IB Datasheet
302Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converte
March 31, 2005
logo
Analog Devices
HAS-1204 AD-HAS-1204_15 Datasheet
947Kb / 4P
   ULTRA HIGH SPEED 12 BIT A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com