Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP1011BCB-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP1011BCB-T
Description  PCI Hot Plug Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1011BCB-T Datasheet(HTML) 9 Page - Intersil Corporation

  HIP1011BCB-T Datasheet HTML 1Page - Intersil Corporation HIP1011BCB-T Datasheet HTML 2Page - Intersil Corporation HIP1011BCB-T Datasheet HTML 3Page - Intersil Corporation HIP1011BCB-T Datasheet HTML 4Page - Intersil Corporation HIP1011BCB-T Datasheet HTML 5Page - Intersil Corporation HIP1011BCB-T Datasheet HTML 6Page - Intersil Corporation HIP1011BCB-T Datasheet HTML 7Page - Intersil Corporation HIP1011BCB-T Datasheet HTML 8Page - Intersil Corporation HIP1011BCB-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN4640.5
November 18, 2004
HIP1011B
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section
2.2 of Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.15mm (0.006 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. In-
terlead flash and protrusions shall not exceed 0.25mm (0.010
inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch)
10. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
B S
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
µ
0.25(0.010)
B
M
M
α
M16.15 (JEDEC MS-012-AC ISSUE C)
16 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.053
0.069
1.35
1.75
-
A1
0.004
0.010
0.10
0.25
-
B
0.014
0.019
0.35
0.49
9
C
0.007
0.010
0.19
0.25
-
D
0.386
0.394
9.80
10.00
3
E
0.150
0.157
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.228
0.244
5.80
6.20
-
h
0.010
0.020
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N16
16
7
α
0o
8o
0o
8o
-
Rev. 1 02/02


Similar Part No. - HIP1011BCB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011BCB-T INTERSIL-HIP1011BCB-T Datasheet
93Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011BCB-T RENESAS-HIP1011BCB-T Datasheet
479Kb / 9P
   PCI Hot Plug Controller
More results

Similar Description - HIP1011BCB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130A TI-HPC3130A Datasheet
537Kb / 41P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
   PCI Hot Plug Controller
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
   PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011_04 Datasheet
215Kb / 8P
   PCI Hot Plug Controller
HIP1011B INTERSIL-HIP1011B Datasheet
93Kb / 9P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com