Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMP8117 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HMP8117
Description  NTSC/PAL Video Decoder
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8117 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HMP8117_07 Datasheet HTML 4Page - Intersil Corporation HMP8117_07 Datasheet HTML 5Page - Intersil Corporation HMP8117_07 Datasheet HTML 6Page - Intersil Corporation HMP8117_07 Datasheet HTML 7Page - Intersil Corporation HMP8117_07 Datasheet HTML 8Page - Intersil Corporation HMP8117_07 Datasheet HTML 9Page - Intersil Corporation HMP8117_07 Datasheet HTML 10Page - Intersil Corporation HMP8117_07 Datasheet HTML 11Page - Intersil Corporation HMP8117_07 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
FN4643.3
April 19, 2007
remove high-frequency Y data. This may make a noisy image
more pleasing to the user, although softer.
Coring of the high-frequency Y data may be done to reduce
low-level high frequency noise.
Coring of the Y data may also be done to reduce low-level
noise around black. This forces Y data with the following
values to a value of 0:
coring = 1:
± 1
coring = 2:
± 1, ± 2
coring = 3:
± 1, ± 2. ± 3
High-frequency components of the luminance signal may be
“peaked” to control the sharpness of the image. Maximum
gain may be selected to occur at either 2.6MHz or the color
subcarrier frequency. This may be used to make the
displayed image more pleasing to the user. It should not be
used if the output video will be compressed, as the circuit
introduces high-frequency components that will reduce the
compression ratio.
The brightness control adds or subtracts a user-specified DC
offset to the Y data. The contrast control multiplies the Y
data by a user-specified amount. These may be used to
make the displayed image more pleasing to the user.
Finally, a value of 16 is added to generate a nominal range
of 16 (black) to 235 (white).
CbCr Processing
The CbCr data is low-pass filtered to either 0.85MHz or
1.5MHz.
Coring of the CbCr data may be done to reduce low-level
noise around zero. This forces CbCr data with the following
values to a value of 128.
coring = 1: 127, 129
coring = 2: 126, 127, 129, 130
coring = 3: 125, 126, 127, 129, 130, 131
The saturation control multiplies the CbCr data by a user-
specified amount. This may be used to make the displayed
image more pleasing to the user. The CbCr data may also be
optionally multiplied by the contrast value to avoid color
shifts when changing contrast.
The hue control provides a user-specified phase offset to the
color subcarrier during decoding. This may be used to
correct slight hue errors due to transmission.
YCbCr Output Format Processing
Y has a nominal range of 16 to 235. Cb and Cr have a
nominal range of 16 to 240, with 128 corresponding to zero.
Values less than 1 are made 1 and values greater than 254
are made 254.
While BLANK is asserted, Y is forced to have a value of 16,
with Cb and Cr forced to have a value of 128, unless VBI
data is present.
RGB Output Format Processing
The 4:2:2 YCbCr data is converted to 4:4:4 YCbCr data and
then converted to either 15-bit or 16-bit gamma-corrected
RGB (R
′G′B′) data. While BLANK is asserted, RGB data is
forced to a value of 0.
15-Bit R
′G′B′
The following YCbCr to R
′G′B′ equations are used to
maintain the proper black and white levels:
R
′ = 0.142(Y - 16) + 0.194(Cr - 128)
G
′ = 0.142(Y - 16) - 0.099(Cr - 128) - 0.048(Cb - 128)
B
′ = 0.142(Y - 16) + 0.245(Cb - 128)
The resulting 15-bit R
′G′B′ data has a range of 0 to 31.
Values less than 0 are made 0 and values greater than 31
are made 31.
The 15-bit R
′G′B′ data may be converted to 15-bit linear
RGB, using the following equations. Although the PAL
specifications specify a gamma of 2.8, a gamma of 2.2 is
normally used. The HMP8117 allows the selection of the
gamma to be either 2.2 or 2.8, independent of the video
standard.
for gamma = 2.2:
for R
′G′B′ < 0.0812*31
R = (31)((R
′/31)/4.5)
G = (31)((G
′/31)/4.5)
B = (31)((B
′/31)/4.5)
for R
′G′B′ >= 0.0812*31
R = (31)(((R
′/31) + 0.099)/1.099)2.2
G = (31)(((G
′/31) + 0.099)/1.099)2.2
B = (31)(((B
′/31) + 0.099)/1.099)2.2
for gamma = 2.8:
R = (31)(R
′/31)2.8
G = (31)(G
′/31)2.8
B = (31)(B
′/31)2.8
16-Bit R
′G′B′
The following YCbCr to R
′G′B′ equations are used to
maintain the proper black and white levels:
R
′ = 0.142(Y - 16) + 0.194(Cr - 128)
G
′ = 0.288(Y - 16) - 0.201(Cr - 128) - 0.097(Cb - 128)
B
′ = 0.142(Y - 16) + 0.245(Cb - 128)
The resulting 16-bit R
′G′B′ data has a range of 0 to 31 for R′
and B
′, and a range of 0 to 63 for G′. Values less than 0 are
made 0; R
′ and B′ values greater than 31 are made 31, G′
values greater than 63 are made 63.
The 16-bit R
′G′B′ data may be converted to 16-bit linear RGB,
using the following equations. Although the PAL specifications
specify a gamma of 2.8, a gamma of 2.2 is normally used. The
HMP8117 allows the selection of the gamma to be either 2.2
or 2.8, independent of the video standard.
HMP8117


Similar Part No. - HMP8117_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8117CN INTERSIL-HMP8117CN Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Renesas Technology Corp
HMP8117CN RENESAS-HMP8117CN Datasheet
1Mb / 45P
   NTSC/PAL Video Decoder
July 29, 2009
HMP8117CNZ RENESAS-HMP8117CNZ Datasheet
1Mb / 45P
   NTSC/PAL Video Decoder
July 29, 2009
More results

Similar Description - HMP8117_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
TVP5020CPFP TI-TVP5020CPFP Datasheet
359Kb / 87P
[Old version datasheet]   NTSC PAL VIDEO DECODER
logo
Asahi Kasei Microsystem...
AK8856VN AKM-AK8856VN Datasheet
2Mb / 98P
   NTSC/PAL Video Decoder
logo
Renesas Technology Corp
HMP8117 RENESAS-HMP8117 Datasheet
1Mb / 45P
   NTSC/PAL Video Decoder
July 29, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com