Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP1011A Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP1011A
Description  PCI Hot Plug Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1011A Datasheet(HTML) 1 Page - Intersil Corporation

  HIP1011A Datasheet HTML 1Page - Intersil Corporation HIP1011A Datasheet HTML 2Page - Intersil Corporation HIP1011A Datasheet HTML 3Page - Intersil Corporation HIP1011A Datasheet HTML 4Page - Intersil Corporation HIP1011A Datasheet HTML 5Page - Intersil Corporation HIP1011A Datasheet HTML 6Page - Intersil Corporation HIP1011A Datasheet HTML 7Page - Intersil Corporation HIP1011A Datasheet HTML 8Page - Intersil Corporation HIP1011A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
HIP1011A
PCI Hot Plug Controller
The HIP1011A is the second PCI Hot Plug Voltage bus
control IC from Intersil. A drop-in alternative to the widely
used HIP1011, the HIP1011A has the same form, fit and
function but additionally features an adjustable latch-off time
of the MOSFET switches and fault reporting.
Like the HIP1011, the HIP1011A creates a small and simple
yet complete power control solution with discrete power
MOSFETs and a few passive components. Four
independent supplies are controlled, +5V, +3.3, +12V, and
-12V. The +12V and -12V switches are integrated. For the
+5V and +3.3V supplies, overcurrent (OC) protection is
provided by sensing the voltage across external current-
sense resistors. For the +12V and -12V supplies OC
protection is provided internally. In addition, an on-chip
reference is used to monitor the +5V, +3.3V and +12V
outputs for undervoltage (UV) conditions. The PWRON input
controls the state of the switches. During an OC condition on
any output, or a UV condition on the +5V, +3.3V or +12V
outputs, a LOW (0V) is asserted on the FLTN output and all
MOSFETs are latched-off. The time to FLTN signal going
LOW and MOSFET latch-off is determined by a single
capacitor from the FLTN pin to ground. This added feature
allows the system OS to complete housekeeping activities in
preparation for an unplanned shut down of the affected card.
The FLTN latch is cleared when the PWRON input is toggled
low again. During initial power-up of the main VCC supply
(+12V), the PWRON input is inhibited from turning on the
switches, and the latch is held in the Reset state until the
VCC input is greater than 10V.
User programmability of the overcurrent threshold, fault
reporting response time, latch-off response time and turn-on
slew rate is provided. A resistor connected to the OCSET pin
programs the OC threshold. A capacitor may be added to the
FLTN pin to adjust both the delay time to reporting a fault
and the latch-off of the supplies after an OC or UV event.
Capacitors connected to the gate pins set the turn-on rate. In
addition the HIP1011A has also been enhanced to tolerate
spurious system noise.
Features
• Adjustable Delay Time for Turn-Off and Fault Reporting
• Controls All PCI Supplies: +5V, +3.3V, +12V, -12V
• Internal MOSFET Switches for +12V and -12V Outputs
µP Interface for On/Off Control and Fault Reporting
• Adjustable Overcurrent Protection for All Supplies
• Provides Fault Isolation
• Adjustable Turn-On Slew Rate
• Minimum Parts Count Solution
• No Charge Pump
Pb-Free Available (RoHS Compliant)
Applications
• PCI Hot Plug
• CompactPCI
Pinout
HIP1011A
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
DWG. #
HIP1011ACB
0 to 70
16 Ld SOIC
M16.15
HIP1011ACBZA
(See Note)
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
HIP1011ACB-T
0 to 70
Tape and Reel
HIP1011ACBZA-T
(See Note)
0 to 70
Tape and Reel (Pb-free)
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
9
10
11
12
13
14
16
15
8
7
6
5
4
3
2
1
M12VIN
FLTN
3V5VG
VCC
12VIN
3VISEN
OCSET
3VS
M12VO
12VG
GND
12VO
M12VG
5VISEN
5VS
PWRON
Data Sheet
November 16, 2004
FN4631.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2000, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HIP1011A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
   PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011ACB INTERSIL-HIP1011ACB Datasheet
120Kb / 11P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011ACB RENESAS-HIP1011ACB Datasheet
596Kb / 11P
   PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011ACB-T INTERSIL-HIP1011ACB-T Datasheet
120Kb / 11P
   PCI Hot Plug Controller
More results

Similar Description - HIP1011A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130A TI-HPC3130A Datasheet
537Kb / 41P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
   PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011_04 Datasheet
215Kb / 8P
   PCI Hot Plug Controller
HIP1011B INTERSIL-HIP1011B Datasheet
93Kb / 9P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com