Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29F400BC-55PFTR Datasheet(PDF) 10 Page - SPANSION

Part # MBM29F400BC-55PFTR
Description  FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F400BC-55PFTR Datasheet(HTML) 10 Page - SPANSION

Back Button MBM29F400BC-55PFTR Datasheet HTML 6Page - SPANSION MBM29F400BC-55PFTR Datasheet HTML 7Page - SPANSION MBM29F400BC-55PFTR Datasheet HTML 8Page - SPANSION MBM29F400BC-55PFTR Datasheet HTML 9Page - SPANSION MBM29F400BC-55PFTR Datasheet HTML 10Page - SPANSION MBM29F400BC-55PFTR Datasheet HTML 11Page - SPANSION MBM29F400BC-55PFTR Datasheet HTML 12Page - SPANSION MBM29F400BC-55PFTR Datasheet HTML 13Page - SPANSION MBM29F400BC-55PFTR Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
MBM29F400TC-55/-70-90/MBM29F400BC-55/-70-90
9
MBM29F400TC/BC Sector Protection Verify Autoselect Codes
*1: A-1 is for Byte mode.
*2: Outputs 01h at protected sector addresses and outputs 00h at unprotected sector addresses.
Expanded Autoselect Code Table
(B): Byte mode
(W): Word mode
Hi-Z : High-Z
Type
A17 to A12
A6
A1
A0
A-1*1
Code
(HEX)
Manufacturer’s Code
X
VIL
VIL
VIL
VIL
04h
Device Code
MBM29F400TC
Byte
XVIL
VIL
VIH
VIL
23h
Word
X
2223h
MBM29F400BC
Byte
XVIL
VIL
VIH
VIL
ABh
Word
X
22ABh
Sector Protection
Sector
Addresses
VIL
VIH
VIL
VIL
01h*2
Type
Code DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9 DQ8 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
Manufacturer’s Code
04h
A-1/0
00000
0
0
0
0
0
0
0
1
0
0
Device
Code
MBM29F400TC
(B)
23h
A-1 Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z
0
0
1
0
0
0
1
1
(W) 2223h
0
0
1000
1
0
0
0
1
0
0
0
1
1
MBM29F400BC
(B)
ABh
A-1 Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z
1
0
1
0
1
0
1
1
(W) 22ABh
001000
1
0
1
0
1
0
1
0
1
1
Sector Protection
01h
A-1/0
00000
0
0
0
0
0
0
0
0
0
1


Similar Part No. - MBM29F400BC-55PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F400BC-55PFTR FUJITSU-MBM29F400BC-55PFTR Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29F400BC-55PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
Fujitsu Component Limit...
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com