Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29F017A-70PNS Datasheet(PDF) 11 Page - SPANSION

Part # MBM29F017A-70PNS
Description  FLASH MEMORY CMOS 16M (2M x 8) BIT
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F017A-70PNS Datasheet(HTML) 11 Page - SPANSION

Back Button MBM29F017A-70PNS Datasheet HTML 7Page - SPANSION MBM29F017A-70PNS Datasheet HTML 8Page - SPANSION MBM29F017A-70PNS Datasheet HTML 9Page - SPANSION MBM29F017A-70PNS Datasheet HTML 10Page - SPANSION MBM29F017A-70PNS Datasheet HTML 11Page - SPANSION MBM29F017A-70PNS Datasheet HTML 12Page - SPANSION MBM29F017A-70PNS Datasheet HTML 13Page - SPANSION MBM29F017A-70PNS Datasheet HTML 14Page - SPANSION MBM29F017A-70PNS Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
MBM29F017A-70/-90/-12
10
s FLEXIBLE SECTOR-ERASE ARCHITECTURE
• Thirty two 64K byte sectors
• 8 sector groups each of which consists of 4 adjacent sectors in the following pattern; sectors 0-3, 4-7, 8-11,
12-15, 16-19, 20-23, 24-27, and 28-31
• Individual-sector or multiple-sector erase capability
• Sector group protection is user-definable
1FFFFFh
1EFFFFh
1DFFFFh
1CFFFFh
1BFFFFh
1AFFFFh
19FFFFh
18FFFFh
17FFFFh
16FFFFh
15FFFFh
14FFFFh
13FFFFh
12FFFFh
11FFFFh
10FFFFh
0FFFFFh
0EFFFFh
0DFFFFh
0CFFFFh
0BFFFFh
0AFFFFh
09FFFFh
08FFFFh
07FFFFh
06FFFFh
05FFFFh
04FFFFh
03FFFFh
02FFFFh
01FFFFh
00FFFFh
000000h
SA31
SA30
SA29
SA28
SA3
SA2
SA1
SA0
Sector
Group 7
Sector
Group 0
64K byte
64K byte
64K byte
64K byte
32 Sectors Total
64K byte
64K byte
64K byte
64K byte


Similar Part No. - MBM29F017A-70PNS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F017A-70PNS FUJITSU-MBM29F017A-70PNS Datasheet
469Kb / 47P
   16M (2M X 8) BIT
More results

Similar Description - MBM29F017A-70PNS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Macronix International
MX29F016 MCNIX-MX29F016 Datasheet
868Kb / 37P
   16M-BIT [2M X 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com