Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI7106 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI7106
Description  3 1/2 Digit, LCD/LED Display, A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7106 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI7106_02 Datasheet HTML 3Page - Intersil Corporation HI7106_02 Datasheet HTML 4Page - Intersil Corporation HI7106_02 Datasheet HTML 5Page - Intersil Corporation HI7106_02 Datasheet HTML 6Page - Intersil Corporation HI7106_02 Datasheet HTML 7Page - Intersil Corporation HI7106_02 Datasheet HTML 8Page - Intersil Corporation HI7106_02 Datasheet HTML 9Page - Intersil Corporation HI7106_02 Datasheet HTML 10Page - Intersil Corporation HI7106_02 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FIGURE 10. HI7106 USED AS A DIGITAL CENTIGRADE
THERMOMETER
FIGURE 11. CIRCUIT FOR DEVELOPING UNDERRANGE AND
OVERRANGE SIGNAL FROM HI7106 OUTPUTS
FIGURE 12. AC TO DC CONVERTER WITH HI7106
Typical Applications (Continued)
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
100pF
TO PIN 1
0.1
µF
0.01
µF
100k
100k
Ω 1MΩ
9V
47k
0.22
µF
0.47
µF
TO BACKPLANE
TO DISPLAY
NOTE: A silicon diode-connected transistor has a temperature coef-
ficient of about -2mV/oC. Calibration is achieved by placing the sens-
ing transistor in ice water and adjusting the zeroing potentiometer for
a 000.0 reading. The sensor should then be placed in boiling water
and the scale-factor potentiometer adjusted for a 100.0 reading.
SCALE
FACTOR
ADJUST
100k
Ω 220kΩ
22k
SILICON NPN
MPS 3704 OR
SIMILAR
ZERO
ADJUST
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
V+
D1
C1
B1
A1
F1
G1
E1
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
POL
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V-
G2
C3
A3
G3
BP
O /RANGE
U /RANGE
CD4023 OR
74C10
CD4077
TO LOGIC
VCC
V+
TO
LOGIC
V-
GND
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
100pF
TO PIN 1
0.1
µF
100k
1k
22k
47k
0.22
µF
0.47
µF
TO BACKPLANE
TO DISPLAY
NOTE: Test is used as a common-mode reference level to ensure compatibility with most op amps.
10
µF
9V
10
µF
470k
1
µF
4.3k
100pF
(FOR OPTIMUM BANDWIDTH)
1
µF
10k
10k
1N914
1
µF
0.22
µF
5
µF
CA3140
2.2M
+
-
100k
AC IN
SCALE FACTOR ADJUST
(VREF = 100mV FOR AC TO RMS)
+
-


Similar Part No. - HI7106_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106C INTERSIL-HI7106C Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106CM44 INTERSIL-HI7106CM44 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106CPL INTERSIL-HI7106CPL Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106D INTERSIL-HI7106D Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
More results

Similar Description - HI7106_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
   31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com