Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5660IBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI5660IBZ
Description  8-Bit, 125/60MSPS, High Speed D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5660IBZ Datasheet(HTML) 7 Page - Intersil Corporation

  HI5660IBZ Datasheet HTML 1Page - Intersil Corporation HI5660IBZ Datasheet HTML 2Page - Intersil Corporation HI5660IBZ Datasheet HTML 3Page - Intersil Corporation HI5660IBZ Datasheet HTML 4Page - Intersil Corporation HI5660IBZ Datasheet HTML 5Page - Intersil Corporation HI5660IBZ Datasheet HTML 6Page - Intersil Corporation HI5660IBZ Datasheet HTML 7Page - Intersil Corporation HI5660IBZ Datasheet HTML 8Page - Intersil Corporation HI5660IBZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Definition of Specifications
Integral Linearity Error, INL, is the measure of the worst
case point that deviates from a best fit straight line of data
values along the transfer curve.
Differential Linearity Error, DNL, is the measure of the
step size output deviation from code to code. Ideally the step
size should be 1 LSB. A DNL specification of 1 LSB or less
guarantees monotonicity.
Output Settling Time, is the time required for the output
voltage to settle to within a specified error band measured
from the beginning of the output transition. In the case of the
HI5660, the measurement was done by switching from code
0 to 64, or quarter scale. Termination impedance was 25
due to the parallel resistance of the output 50and the
oscilloscope’s 50input. This also aids the ability to resolve
the specified error band without overdriving the oscilloscope.
Singlet Glitch Area, is the switching transient appearing on
the output during a code transition. It is measured as the
area under the overshoot portion of the curve and is
expressed as a Volt-Time specification.
Full Scale Gain Error, is the error from an ideal ratio of 32
between the output current and the full scale adjust current
(through RSET).
Full Scale Gain Drift, is measured by setting the data inputs
to all ones and measuring the output voltage through a
known resistance as the temperature is varied from TMIN to
TMAX. It is defined as the maximum deviation from the value
measured at room temperature to the value measured at
either TMIN or MAX. The units are ppm of FSR (full scale
range) per degree C.
Total Harmonic Distortion, THD, is the ratio of the DAC output
fundamental to the RMS sum of the first five harmonics.
Spurious Free Dynamic Range, SFDR, is the amplitude
difference from the fundamental to the largest harmonically or
non-harmonically related spur within the specified window.
Output Voltage Compliance Range, is the voltage limit
imposed on the output. The output impedance load should
be chosen such that the voltage developed does not violate
the compliance range.
Offset Error, is measured by setting the data inputs to all
zeros and measuring the output voltage through a known
resistance. Offset error is defined as the maximum deviation
of the output current from a value of 0mA.
Offset Drift, is measured by setting the data inputs to all
zeros and measuring the output voltage through a known
resistance as the temperature is varied from TMIN to MAX. It
is defined as the maximum deviation from the value
measured at room temperature to the value measured at
either TMIN or TMAX. The units are ppm of FSR (full scale
range) per degree C.
Power Supply Rejection, is measured using a single power
supply. Its nominal +5V is varied ±10% and the change in the
DAC full scale output is noted.
Reference Input Multiplying Bandwidth, is defined as the
3dB bandwidth of the voltage reference input. It is measured
by using a sinusoidal waveform as the external reference
with the digital inputs set to all 1s. The frequency is
increased until the amplitude of the output waveform is
0.707 of its original value.
Internal Reference Voltage Drift, is defined as the
maximum deviation from the value measured at room
temperature to the value measured at either TMIN or TMAX.
The units are ppm per degree C.
Detailed Description
The HI5660 is an 8-bit, current out, CMOS, digital to analog
converter. Its maximum update rate is 125MSPS and can be
powered by either single or dual power supplies in the
recommended range of +3V to +5V. It consumes less than
165mW of power when using a +5V supply with the data
switching at 100MSPS. The architecture is based on a
segmented current source arrangement that reduces glitch
by reducing the amount of current switching at any one time.
The five MSBs are represented by 31 major current sources
of equivalent current. The three LSBs are comprised of
binary weighted current sources. Consider an input pattern
to the converter which ramps through all the codes from 0 to
255. The three LSB current sources would begin to count up.
When they reached the all high state (decimal value of 7)
and needed to count to the next code, they would all turn off
and the first major current source would turn on. To continue
counting upward, the 3 LSBs would count up another 7
codes, and then the next major current source would turn on
and the three LSBs would all turn off. The process of the
single, equivalent, major current source turning on and the
three LSBs turning off each time the converter reaches
another 7 codes greatly reduces the glitch at any one
switching point. In previous architectures that contained all
binary weighted current sources or a binary weighted
resistor ladder, the converter might have a substantially
larger amount of current turning on and off at certain, worst-
case transition points such as midscale and quarter scale
transitions. By greatly reducing the amount of current
switching at certain ‘major’ transitions, the overall glitch of
the converter is dramatically reduced, improving settling
times and transient problems.
Digital Inputs and Termination
The HI5660 digital inputs are guaranteed to CMOS levels.
However, TTL compatibility can be achieved by lowering the
supply voltage to 3V due to the digital threshold of the input
buffer being approximately half of the supply voltage. The
internal register is updated on the rising edge of the clock. To
minimize reflections, proper termination should be
implemented. If the lines driving the clock and the digital
HI5660


Similar Part No. - HI5660IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5660IBZ INTERSIL-HI5660IBZ Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
logo
Renesas Technology Corp
HI5660IBZ RENESAS-HI5660IBZ Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
More results

Similar Description - HI5660IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
   8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
HI5628 INTERSIL-HI5628_00 Datasheet
567Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Renesas Technology Corp
HI5628 RENESAS-HI5628 Datasheet
500Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5628 INTERSIL-HI5628 Datasheet
93Kb / 10P
   8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com