Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M700000002 Datasheet(PDF) 11 Page - SPANSION

Part # M700000002
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M700000002 Datasheet(HTML) 11 Page - SPANSION

Back Button M700000002 Datasheet HTML 7Page - SPANSION M700000002 Datasheet HTML 8Page - SPANSION M700000002 Datasheet HTML 9Page - SPANSION M700000002 Datasheet HTML 10Page - SPANSION M700000002 Datasheet HTML 11Page - SPANSION M700000002 Datasheet HTML 12Page - SPANSION M700000002 Datasheet HTML 13Page - SPANSION M700000002 Datasheet HTML 14Page - SPANSION M700000002 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
November 25, 2003
Am70PDL127BDH/Am70PDL129BDH
9
AD VAN C E
INFORM ATION
CONNECTION DIAGRAM–PDL129H
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (BGA). The package and/or data
integrity may be compromised if the package body is
exposed to temperatures above 150
°C for prolonged
periods of time.
A1
B1
C1
F1
G1
L1
M1
D2
E2
F2
G2
H2
J2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
B5
C5
D5
E5
H5
J5
K5
L5
B6
C6
D6
E6
H6
J6
K6
L6
C7
D7
E7
F7
G7
H7
J7
K7
C8
D8
E8
F8
G8
H8
J8
K8
D9
E9
F9
G9
H9
J9
A10
B10
F10
G10
L10
M10
NC
NC
NC
NC
NC
NC
CE#2ds
VCCQf
NC
A3
A2
A1
A0
CE#f1
CE#1ps
A7
A6
A5
A4
VSS
OE#
DQ0
DQ8
LB#
UB#
A18
A17
DQ1
DQ9
DQ10
DQ2
CE#f2
WP#/ACC
RESET#
RY/BY#
DQ3
VCCf
DQ11
VCCds
WE#
CE2ps
A20
DQ4
VCCps
VCCQds
A8
A19
A9
A10
DQ6
DQ13
DQ12
DQ5
A11
A12
A13
A14
NC
DQ15
DQ7
DQ14
A15
A21
NC
A16
VCCf
VSS
NC
NC
NC
NC
NC
NC
Flash 1 Only
B2
C2
NC
NC
B9
C9
RY/BY#ds
CE#1ds
B3
B4
B7
B8
VSSds
NC
RESET#ds NC
F5
G5
F6
G6
NC
NC
NC
NC
K2
L2
L3
L4
NC
NC
NC
VSSds
L7
L8
K9
L9
NC
NC
WP#/ACCds
NC
MirrorBit Only
RAM Only
Flash Shared Only
93-Ball FBGA
Top View


Similar Part No. - M700000002

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
M700 SENSATA-M700 Datasheet
908Kb / 4P
   DC PUMP MOTOR CONTROLLER
logo
WILLAS ELECTRONIC CORP
M7002NND03 WILLAS-M7002NND03 Datasheet
325Kb / 2P
   WBFBP-03B Plastic-Encapsulate MOSFETS
M7002TTD03 WILLAS-M7002TTD03 Datasheet
365Kb / 2P
   WBFBP-03A Plastic-Encapsulate MOSFETS
logo
API Technologies Corp
M7003 APITECH-M7003 Datasheet
488Kb / 1P
   Inside DC Block
M7006 APITECH-M7006 Datasheet
304Kb / 1P
   Rugged SMA Connectors
More results

Similar Description - M700000002

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM70PDL127CDH AMD-AM70PDL127CDH Datasheet
1Mb / 127P
   2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
AM29PLI60C AMD-AM29PLI60C Datasheet
987Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM29PL160C AMD-AM29PL160C_06 Datasheet
843Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
logo
Eon Silicon Solution In...
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com