Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F646MSA Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F646MSA
Description  Octal Transceiver/Register with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F646MSA Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F646MSA Datasheet HTML 1Page - Fairchild Semiconductor 74F646MSA Datasheet HTML 2Page - Fairchild Semiconductor 74F646MSA Datasheet HTML 3Page - Fairchild Semiconductor 74F646MSA Datasheet HTML 4Page - Fairchild Semiconductor 74F646MSA Datasheet HTML 5Page - Fairchild Semiconductor 74F646MSA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Irrelevant
 = LOW-to-HIGH Transition
Note 1: The data output functions may be enabled or disabled by various signals at the G and DIR Inputs. Data input functions are always enabled;
i.e., data at the bus pins will be stored on every LOW-to-HIGH transition of the clock inputs.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
A0–A7
Data Register A Inputs/
3.5/1.083
70
µA/−650 µA
3-STATE Outputs
600/106.6 (80)
−12 mA/64 mA (48 mA)
B0–B7
Data Register B Inputs/
3.5/1.083
70
µA/−650 µA
3-STATE Outputs
600/106.6 (80)
−12 mA/64 mA (48 mA)
CPAB, CPBA
Clock Pulse Inputs
1.0/1.0
20
µA/−0.6 mA
SAB, SBA
Select Inputs
1.0/1.0
20
µA/−0.6 mA
G
Output Enable Input
1.0/1.0
20
µA/−0.6 mA
DIR
Direction Control Input
1.0/1.0
20
µA/−0.6 mA
Inputs
Data I/O (Note 1)
Function
G
DIR
CPAB CPBA
SAB
SBA
A0–A7
B0–B7
H
X
H or L H or L
X
X
Isolation
HX

X
X
X
Input
Input
Clock An Data into A Register
HX
X

X
X
Clock Bn Data into B Register
LH
X
X
L
X
An to Bn—Real Time (Transparent Mode)
LH

X
L
X
Input
Output
Clock An Data into A Register
L
H
H or L
X
H
X
A Register to Bn (Stored Mode)
LH

X
H
X
Clock An Data into A Register and Output to Bn
L
L
XXX
L
Bn to An—Real Time (Transparent Mode)
LL
X

X
L
Output
Input
Clock Bn Data into B Register
L
L
X
H or L
X
H
B Register to An (Stored Mode)
LL
X

X
H
Clock Bn Data into B Register and Output to An


Similar Part No. - 74F646MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F646MSA FAIRCHILD-74F646MSA Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
74F646MSA NSC-74F646MSA Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results

Similar Description - 74F646MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com