Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F14PC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F14PC
Description  Hex Inverter Schmitt Trigger
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F14PC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F14PC Datasheet HTML 1Page - Fairchild Semiconductor 74F14PC Datasheet HTML 2Page - Fairchild Semiconductor 74F14PC Datasheet HTML 3Page - Fairchild Semiconductor 74F14PC Datasheet HTML 4Page - Fairchild Semiconductor 74F14PC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
AC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +175°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VT+
Positive-Going Threshold
1.5
1.7
2.0
V
5.0V
VT−
Negative-Going Threshold
0.7
0.9
1.1
V
5.0V
∆V
T
Hysteresis (VT+–VT−)
0.4
0.8
V
5.0V
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
Max
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICCH
Power Supply Current
25
mA
Max
VO = HIGH
ICCL
Power Supply Current
25
mA
Max
VO = LOW
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
4.0
10.5
4.0
13.0
4.0
11.5
ns
tPHL
In→O n
3.5
8.5
3.5
10.0
3.5
9.0


Similar Part No. - 74F14PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F14PC NSC-74F14PC Datasheet
152Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Fairchild Semiconductor
74F14PC FAIRCHILD-74F14PC Datasheet
50Kb / 4P
   Hex Inverter Schmitt Trigger
More results

Similar Description - 74F14PC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com