Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA42 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPSA42
Description  NPN high-voltage transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPSA42 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPSA42 Datasheet HTML 1Page - NXP Semiconductors MPSA42 Datasheet HTML 2Page - NXP Semiconductors MPSA42 Datasheet HTML 3Page - NXP Semiconductors MPSA42 Datasheet HTML 4Page - NXP Semiconductors MPSA42 Datasheet HTML 5Page - NXP Semiconductors MPSA42 Datasheet HTML 6Page - NXP Semiconductors MPSA42 Datasheet HTML 7Page - NXP Semiconductors MPSA42 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 12
4
Philips Semiconductors
Product specification
NPN high-voltage transistors
MPSA42; MPSA43
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - MPSA42

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MPSA42 LUGUANG-MPSA42 Datasheet
872Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Diotec Semiconductor
MPSA42 DIOTEC-MPSA42 Datasheet
108Kb / 2P
   High voltage Si-epitaxial planar transistors
logo
Unisonic Technologies
MPSA42 UTC-MPSA42 Datasheet
137Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
MPSA42 DGNJDZ-MPSA42 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - MPSA42

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com