Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74ACTQ823 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74ACTQ823
Description  Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
www.fairchildsemi.com
2
Functional Description
The ACTQ823 consists of nine D-type edge-triggered flip-
flops. These have 3-STATE outputs for bus systems orga-
nized with inputs and outputs on opposite sides. The buff-
ered clock (CP) and buffered Output Enable (OE) are
common to all flip-flops. The flip-flops will store the state of
their individual D inputs that meet the setup and hold time
requirements on the LOW-to-HIGH CP transition. With OE
LOW, the contents of the flip-flops are available at the out-
puts. When OE is HIGH, the outputs go to the high imped-
ance state. Operation of the OE input does not affect the
state of the flip-flops. In addition to the Clock and Output
Enable pins, there are Clear (CLR) and Clock Enable (EN)
pins. These devices are ideal for parity bus interfacing in
high performance systems.
When CLR is LOW and OE is LOW, the outputs are LOW.
When CLR is HIGH, data can be entered into the flip-flops.
When EN is LOW, data on the inputs is transferred to the
outputs on the LOW-to-HIGH clock transition. When the
EN is HIGH, the outputs do not change state, regardless of
the data or clock input transitions.
Function Table
H
= HIGH Voltage Level
Z
= High Impedance
L
= LOW Voltage Level
 = LOW-to-HIGH Transition
X
= Immaterial
NC
= No Change
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Inputs
Internal
Output
Function
OE
CLR
EN
CP
D
Q
O
H
X
L

L
L
Z
High Z
H
X
L

H
H
Z
High Z
H
L
X
X
X
L
Z
Clear
L
L
X
X
X
L
L
Clear
H
H
H
X
X
NC
Z
Hold
L
H
H
X
X
NC
NC
Hold
H
H
L

L
L
Z
Load
H
H
L

H
H
Z
Load
L
H
L

L
L
L
Load
L
H
L

H
H
H
Load




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ACTQ821_00Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ374_07Quiet Series™ Octal D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
IDT74ALVCH3743.3V CMOS OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
MC74LVX374Octal D-Type Flip-Flop with 3-State Outputs With 5V−Tolerant Inputs 1 2 3 4 5 MoreON Semiconductor
74ABT374Octal D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74AVC16374_0616-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74F534_00Octal D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MC74LVX574Octal D-Type Flip-Flop with 3-State Outputs 1 2 3 4 5 MoreON Semiconductor
MC74F574OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 1 2 3 Motorola, Inc
74F574_00Octal D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl