Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACTQ827 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACTQ827
Description  Quiet Series 10-Bit Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ827 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ827_00 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ827_00 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ827_00 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ827_00 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ827_00 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ827_00 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ827_00 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS010687
www.fairchildsemi.com
March 1990
Revised September 2000
74ACTQ827
Quiet Series
 10-Bit Buffer/Line Driver
with 3-STATE Outputs
General Description
The ACTQ827 10-bit bus buffer provides high performance
bus interface buffering for wide data/address paths or
buses carrying parity. The 10-bit buffers have NOR output
enables for maximum control flexibility. The ACTQ827 uti-
lizes Fairchild Quiet Series
 technology to guarantee quiet
output switching and improved dynamic threshold perfor-
mance. FACT Quiet Series
 features GTO output control
and undershoot corrector in addition to a split ground bus
for superior performance.
Features
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Inputs and outputs on opposite sides of package allow
easy interface with microprocessors
s Improved latch-up immunity
s Outputs source/sink 24 mA
s TTL compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
, Quiet Series, FACT Quiet Series and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ827SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74ACTQ827SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
OE1, OE2
Output Enable
D0–D9
Data Inputs
O0–O9
Data Outputs


Similar Part No. - 74ACTQ827_00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ827SC FAIRCHILD-74ACTQ827SC Datasheet
63Kb / 7P
   Quiet Seriesa??10-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ827SPC FAIRCHILD-74ACTQ827SPC Datasheet
63Kb / 7P
   Quiet Seriesa??10-Bit Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACTQ827_00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ827 FAIRCHILD-74ACTQ827 Datasheet
63Kb / 7P
   Quiet Seriesa??10-Bit Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ827 NSC-54ACTQ827 Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541_07 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244_07 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ244QSCX FAIRCHILD-74ACTQ244QSCX Datasheet
110Kb / 10P
   Quiet Series田?Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com