Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3134 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA3134
Description  Ultra High Frequency Matched Pair Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3134 Datasheet(HTML) 1 Page - Intersil Corporation

  HFA3134_05 Datasheet HTML 1Page - Intersil Corporation HFA3134_05 Datasheet HTML 2Page - Intersil Corporation HFA3134_05 Datasheet HTML 3Page - Intersil Corporation HFA3134_05 Datasheet HTML 4Page - Intersil Corporation HFA3134_05 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
®
FN4445.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2000, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
HFA3134, HFA3135
Ultra High Frequency Matched Pair
Transistors
The HFA3134 and HFA3135 are Ultra High Frequency
Transistor pairs that are fabricated with Intersil Corporation’s
complementary bipolar UHF-1X process. The NPN
transistors exhibit an fT of 8.5GHz, while the PNP transistors
have an fT of 7GHz. Both types exhibit low noise, making
them ideal for high frequency amplifier and mixer
applications.
Both arrays are matched high frequency transistor pairs. The
matching simplifies DC bias problems and it minimizes
imbalances in differential amplifier configurations. Their high
fT enables the design of UHF amplifiers which exhibit
exceptional stability.
Features
• NPN Transistor (fT) . . . . . . . . . . . . . . . . . . . . . . . . 8.5GHz
• NPN Current Gain (hFE). . . . . . . . . . . . . . . . . . . . . . . . 100
•NPN Noise Figure (50
Ω) at 1.0GHz. . . . . . . . . . . . . 2.6dB
• PNP Transistor (fT). . . . . . . . . . . . . . . . . . . . . . . . . . 7GHz
• PNP Current Gain (hFE). . . . . . . . . . . . . . . . . . . . . . . . . 57
• PNP Noise Figure (50
Ω) at 900MHz . . . . . . . . . . . . 4.6dB
• Small Package (EIAJ-SC74 Compliant). . . . . . . .SOT23-6
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• VHF/UHF Amplifiers
•VHF/UHF Mixers
• IF Converters
• Synchronous Detectors
Pinouts
HFA3134
(SOT23)
TOP VIEW
HFA3135
(SOT23)
TOP VIEW
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HFA3134IH96
(04/
)
-40 to 85
6 Ld SOT23
Tape and Reel
P6.064
HFA3134IHZ96
(4Z/
) (Note)
-40 to 85
6 Ld SOT23
Tape and Reel (Pb-free)
P6.064
HFA3135IH96
(05/
)
-40 to 85
6 Ld SOT23
Tape and Reel
P6.064
HFA3135IHZ96
(5Z/
) (Note)
-40 to 85
6 Ld SOT23
Tape and Reel (Pb-free)
P6.064
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
1
2
3
4
6
5
Q1
Q2
1
2
3
4
6
5
Q1
Q2
Data Sheet
August 12, 2005


Similar Part No. - HFA3134_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3134IH96 INTERSIL-HFA3134IH96 Datasheet
52Kb / 5P
   Ultra High Frequency Matched Pair Transistors
February 1998
logo
Renesas Technology Corp
HFA3134IH96 RENESAS-HFA3134IH96 Datasheet
325Kb / 5P
   Ultra High Frequency Matched Pair Transistors
logo
List of Unclassifed Man...
HFA3134IH96 ETC2-HFA3134IH96 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
HFA3134IHZ96 RENESAS-HFA3134IHZ96 Datasheet
325Kb / 5P
   Ultra High Frequency Matched Pair Transistors
More results

Similar Description - HFA3134_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA3134 RENESAS-HFA3134 Datasheet
325Kb / 5P
   Ultra High Frequency Matched Pair Transistors
logo
Intersil Corporation
HFA3134 INTERSIL-HFA3134 Datasheet
52Kb / 5P
   Ultra High Frequency Matched Pair Transistors
February 1998
logo
FutureWafer Tech Co.,Lt...
MMBT3904 FUTUREWAFER-MMBT3904 Datasheet
1Mb / 9P
   40V Matched Pair NPN Small Signal Transistors
05-Apr-2021 V2.0
MMBT3906 FUTUREWAFER-MMBT3906 Datasheet
1Mb / 14P
   40V Matched Pair PNP Small Signal Transistors
20-DEC-2021 V 2.1
2SC3838 FUTUREWAFER-2SC3838 Datasheet
1Mb / 9P
   20V Matched Pair NPN Small Signal Transistors
27-NOV-2021 V 2.0
logo
Solid States Devices, I...
SDR047-01 SSDI-SDR047-01 Datasheet
113Kb / 2P
   Vf MATCHED HIGH VOLTAGE RECTIFIER PAIR
RC0041B SSDI-RC0041B_15 Datasheet
113Kb / 2P
   Vf MATCHED HIGH VOLTAGE RECTIFIER PAIR
logo
List of Unclassifed Man...
H23B1 ETC-H23B1 Datasheet
96Kb / 2P
   MATCHED EMITTER DETECTOR PAIR
logo
JSC ALFA.
AS394CH ALFA-AS394CH Datasheet
362Kb / 4P
   Matched NPN transistor pair
logo
Advanced Linear Devices
ALD212900 ALD-ALD212900 Datasheet
110Kb / 12P
   DUAL HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com