Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMP8156A Datasheet(PDF) 5 Page - Intersil Corporation

Part # HMP8156A
Description  NTSC/PAL Encoders
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8156A Datasheet(HTML) 5 Page - Intersil Corporation

  HMP8156A Datasheet HTML 1Page - Intersil Corporation HMP8156A Datasheet HTML 2Page - Intersil Corporation HMP8156A Datasheet HTML 3Page - Intersil Corporation HMP8156A Datasheet HTML 4Page - Intersil Corporation HMP8156A Datasheet HTML 5Page - Intersil Corporation HMP8156A Datasheet HTML 6Page - Intersil Corporation HMP8156A Datasheet HTML 7Page - Intersil Corporation HMP8156A Datasheet HTML 8Page - Intersil Corporation HMP8156A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
4343.4
November 4, 2005
The last pixel output of the overlay uses 87.5% overlay color
plus 12.5% pixel color. The next output uses 12.5% overlay
color plus 87.5% pixel color. Additional outputs use 100%
pixel color.
When going from one overlay color to another, mixing
starts one pixel before the selection of the new overlay
color, and uses 12.5% new overlay color plus 87.5% old
overlay color. The next output is aligned with the selection
of the new overlay color and uses 87.5% new overlay color
plus 12.5% old overlay color. Additional outputs use 100%
new overlay color.
Overlay Mixing: No Mixing
With no overlay mixing selected, whenever the OL0-OL2
inputs are non-zero, the overlay color is displayed. The M0
and M1 inputs are ignored, and no internal mixing is done.
Essentially, this is a hard switch between overlay and pixel
data. In this mode, there is no minimum number of pixels an
overlay color or pixel color must be selected.
2X Upscaling Processing
Following overlay processing, 2X upscaling may optionally
be applied to the pixel data. In this mode, the
HMP8154/HMP8156A accepts NTSC (PAL) SIF resolution
video at 59.94 (50) frames per second and generates
standard interlaced video with 262.5 (312.5) lines per field at
59.94 (50) fields per second. This mode of operation allows
SIF video to be upscaled to full resolution and recorded on a
VCR or displayed on a TV. SIP upscaling may be used to
simplify PC to TV applications.
The input pixel data rate is reduced by half when 2X
upscaling is enabled. The color space conversion generates,
and the overlay mixer uses, 2:2:2 YCbCr data instead of
4:4:4 data. For rectangular pixel NTSC and PAL video, the
input rate is 6.75MHz during the active portion of each line
instead of 13.5MHz. Example SIF input resolutions and
resulting output resolutions are shown in Table 4.
The HMP8154/HMP8156A performs horizontal 2X upscaling
by linear interpolation. The vertical scaling is done by line
duplication. For typical line duplication, the same frame of
SIF pixel input data is used for both the odd and even fields.
Note that a frame of SIF size input has about the same
number of lines as a field of full size input.
After 2X upscaling, the input is 4:4:4 YCbCr data ready for
video processing. Flicker filtering is not available when 2X
upscaling is enabled.
Flicker Filter Processing
Following overlay processing, vertical flicker filtering may
optionally be applied to the pixel data by the HMP8154. The
HMP8156A does not provide flicker filter capability. In flicker
filter mode, the HMP8154 accepts non-interlaced NTSC
(PAL) full resolution video with 525 (625) lines per frame at
59.94 (50) frames per second. It generates standard
interlaced video with 262.5 (312.5) lines per field at 59.94
(50) fields per second.
Each frame of non-interlaced video is vertically low pass
filtered and used to generate either an odd or even field of
video. This mode of operation reduces flickering caused by
image details that are less than two pixels high.
Since an entire frame of input is used to generate one field of
output, the input pixel data rate is doubled when the flicker
filter is enabled. The encoder must receive two lines of data
during each line time. For rectangular pixel NTSC and PAL
video, the input rate is 27.0MHz during the active portion of
each line instead of 13.5MHz. Because of the high input data
rate, 8-bit YCbCr and BT.656 input formats and 2X upscaling
of SIF input may not be used when the flicker filter is enabled.
The HMP8154 uses internal line stores and a 3 tap FIR filter
to reduce flickering. The filter coefficients are 0.25, 0.5, and
0.25. At the start and end of each field, the coefficients are
modified to compensate for the insufficient number of lines
available for processing.
When filtering is enabled, there is an additional two line time
delay through the encoder. After flicker filtering, the input is
4:4:4 YCbCr data ready for video processing. 2X upscaling
is not available when the flicker filter is enabled.
Pixel Input and Control Signal Timing
The pixel input timing and the video control signal
input/output timing of the HMP8154/HMP8156A depend on
the part’s operating mode. The periods when the encoder
samples its inputs and generates its outputs are summarized
in Table 5.
Figures 1-12 show the timing of CLK, CLK2, BLANK, and the
pixel and overlay input data with respect to each other.
BLANK may be an input or an output; the figures show both.
When it is an input, BLANK must arrive coincident with the
pixel and overlay input data; all are sampled at the same time.
When BLANK is an output, its timing with respect to the pixel
and overlay inputs depends on the blank timing select bit in the
timing_I/O_1 register. If the bit is cleared, the
HMP8154/HMP8156A deasserts BLANK one CLK cycle before
it samples the pixel and overlay inputs. As shown in the timing
figures, the encoder samples the inputs 1-7 CLK2 periods after
negating BLANK, depending on the operating mode.
If the bit is set, the encoder deasserts BLANK during the
same CLK cycle in which it samples the input data. In effect,
the input data must arrive one CLK cycle earlier than when
the bit is cleared. This mode is not shown in the figures.
TABLE 4. TYPICAL RESOLUTIONS FOR 2X UPSCALING
INPUT ACTIVE
RESOLUTION
OUTPUT ACTIVE
RESOLUTION
352 x 240
352 x 288
320 x 240
384 x 288
704 x 480
704 x 576
640 x 480
768 x 576
HMP8154, HMP8156A


Similar Part No. - HMP8156A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HMP8156A RENESAS-HMP8156A Datasheet
1Mb / 34P
   NTSC/PAL Encoders
logo
Intersil Corporation
HMP8156ACN INTERSIL-HMP8156ACN Datasheet
579Kb / 34P
   NTSC/PAL Encoders
logo
Renesas Technology Corp
HMP8156ACN RENESAS-HMP8156ACN Datasheet
1Mb / 34P
   NTSC/PAL Encoders
logo
Intersil Corporation
HMP8156ACNZ INTERSIL-HMP8156ACNZ Datasheet
579Kb / 34P
   NTSC/PAL Encoders
logo
Renesas Technology Corp
HMP8156ACNZ RENESAS-HMP8156ACNZ Datasheet
1Mb / 34P
   NTSC/PAL Encoders
More results

Similar Description - HMP8156A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HMP8154 RENESAS-HMP8154 Datasheet
1Mb / 34P
   NTSC/PAL Encoders
logo
Intersil Corporation
HMP8154 INTERSIL-HMP8154 Datasheet
579Kb / 34P
   NTSC/PAL Encoders
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD720 AD-AD720_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD721 AD-AD721_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
logo
Synaptics Incorporated.
BT864A CONEXANT-BT864A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com