Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


J0010D11 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part No. J0010D11
Description  Suited for LAN and Telecom Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

 
 2 page
background image
www.pulseeng.com
2
G002.K (5/09)
SURFACE MOUNT
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
Reduces radiated EMI emissions
Filters common mode noise for EMI
reduction
Common mode attenuation from 100 kHz
to 1 GHz
Tape & Reel packaging available for
surface mount parts*
PE-68624
.260
6,60 MAX
SUGGESTED PAD LAYOUT
.340
8,64 MAX
4x .100
2,54
.004/0,100
.098
2,49
MAX
6 SURFACES
.265
6,73
.080
2,03
.100
2,54
.200
5,08
.045
1,14
16
34
PE-68624
PE-68624
Weight . . . . . . . . . . . . . 0.17 grams
Tape & Reel . . . . . . . . . . . 1500/reel
Tube . . . . . . . . . . . . . . . . . . 85/tube
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Electrical Specifications @ 25°C
Part
Number
No. of
Ports
Primary
Inductance
OCL
(µH MIN)
Common Mode Attenuation
(db TYP)
DCR
(
Ω MAX)
Page
Number
Mech &
Schem
100 KHz
1 MHz
10 MHz
30 MHz
50 MHz 100 MHz 300 MHz 500 MHz
1 GHz
PE-68624
2
47
11
27
40
44
42
36
26
17
0.40
2
PE-65855
2
4700
41
43
49
39
34
26
20
20
12
1.0
4
B2013
2
6300
46
47
43
32
25
29
21
14
16
1.0
3
B4003
2
4700
42
41
48
38
33
21
22
23
17
1.0
6
23Z87SM
3
69
9
24
31
30
29
27
21
16
0.20
4
PE-65857
4
22.5
7
20
30
37
38
34
24
13
0.22
4
PE-68627
4
24
8
21
32
36
37
36
30
20
0.25
4
T8003
4
33
9
13
32
32
30
27
16
17
13
0.20
6
23Z4000SMD
4
36
7
23
35
38
38
36
29
24
0.50
5
PE-65854
4
47
3
19
32
36
35
29
12
6
0.40
3
23Z104SM
4
68
8
22
28
28
27
25
20
15
0.20
5
PE-67540
4
100
14
33
44
48
49
44
34
29
20
0.60
4
PE-65853
4
4700
40
51
38
30
25
20
14
13
1.20
3
23Z106SM
6
68
8
22
29
30
30
29
24
19
0.20
5
PE-69011
8
36
8
24
36
39
35
29
18
11
0.35
3
23Z105SM
8
68
8
24
30
29
27
24
16
11
0.20
5
23Z109SM
10
7.5
4
9
20
25
26
24
16
11
0.20
5
T8008
16
47
7
27
40
44
42
36
26
0.40
6
* When ordering Tape & Reel packaging, add a “T” at the end of the part number (i.e. PE-65738T or 23Z106SMT).
NOTE: Additional common mode chokes are available. Please contact Applications Engineering.
Mechanical
Schematic




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
UPG2164T5NDPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN 1 2 3 4 5 MoreCalifornia Eastern Labs
CD22402Sync Generator for TV Applications and Video Processing Systems 1 2 3 4 5 MoreHarris Corporation
KSH44H11IGeneral Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications 1 2 3 4 5 Fairchild Semiconductor
BQ27210Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR 1 2 3 4 5 MoreTexas Instruments
BTA206-A Silicon Triacs For Power-Control and Power-Switching Applications 1 2 3 4 5 GE Solid State
WM8960_06Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
AAT2556Battery Charger and Step-Down Converter for Portable Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
TFDU4202Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard 1 2 3 4 5 MoreVishay Siliconix
AAT2805Dual High Efficiency Charge Pump for White LED and Flash Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl