Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


J0010D11 Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part No. J0010D11
Description  Suited for LAN and Telecom Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

 
 7 page
background image
www.pulseeng.com
7
G002.K (5/09)
THROUGH HOLE
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
Reduces radiated EMI emissions
Filters common mode noise for EMI reduction
Common mode attenuation from 100 kHz
to 1 GHz
Tube packaging available for through hole parts
Electrical Specifications @ 25°C
Primary
Page
Inductance
Common Mode Attenuation
Number
Part
No. of
OCL
(dB TYP)
DCR
Mech &
Number
Lines
(µH MIN)
(
 MAX)
Schem
100 kHz
1 MHz
10 MHz
30 MHz
50 MHz 100 MHz
300 MHz
500 MHz 1 GHz
PE-65944
2
24
1
14
28
32
33
28
13
5
0.30
8
PE-67531
2
140
14
34
45
49
50
47
38
32
25
0.60
9
B2005
2
9000
47
47
41
30
22
33
21
15
15
1.0
10
PE-65554
4
24
21
32
38
39
34
24
13
0.30
8
PE-68002
4
68
7
24
37
41
42
40
31
27
0.35
9
23Z104
4
85
8
23
29
29
28
25
17
11
0.20
10
PE-67539
4
140
14
33
44
48
48
43
33
28
19
0.60
9
PE-65542
4
1000
28
41
42
32
22
0.70
8
PT5039
4
3600
42
43
42
32
27
17
15
9
13
0.50
8
J0010D11
4
9
13
32
35
35
29
13
24
19
0.50
10
PE-65950
4
4700±30%
40
51
37
28
23
20
1.00
8
PE-65541
4
6000
44
54
33
32
29
1.40
8
PE-68613
4
3290
40
51
37
28
23
20
1.00
10
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
PE-65541, PE-65542, PE-65950
56
12
34
7
8
PE-65541
PE-65542
PE-65950
Weight . . . . . . . . . . 0.38 grams
Tube . . . . . . . . . . . . . . . 35/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
1
3
5
7
2
4
6
8
.558 MAX
CL
CL
.400
.200
5,08
.400
BOTTOM VIEW
.558 MAX
PE-65XXX
DATE CODE
COUNTRY OF
ORIGIN
.400 MAX
10,16
.130
3,30
Mechanical
Schematic




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
UPG2164T5NDPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN 1 2 3 4 5 MoreCalifornia Eastern Labs
CD22402Sync Generator for TV Applications and Video Processing Systems 1 2 3 4 5 MoreHarris Corporation
KSH44H11IGeneral Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications 1 2 3 4 5 Fairchild Semiconductor
BQ27210Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR 1 2 3 4 5 MoreTexas Instruments
BTA206-A Silicon Triacs For Power-Control and Power-Switching Applications 1 2 3 4 5 GE Solid State
WM8960_06Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
AAT2556Battery Charger and Step-Down Converter for Portable Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
TFDU4202Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard 1 2 3 4 5 MoreVishay Siliconix
AAT2805Dual High Efficiency Charge Pump for White LED and Flash Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl