Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP6012 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP6012
Description  Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6012 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP6012_04 Datasheet HTML 1Page - Intersil Corporation HIP6012_04 Datasheet HTML 2Page - Intersil Corporation HIP6012_04 Datasheet HTML 3Page - Intersil Corporation HIP6012_04 Datasheet HTML 4Page - Intersil Corporation HIP6012_04 Datasheet HTML 5Page - Intersil Corporation HIP6012_04 Datasheet HTML 6Page - Intersil Corporation HIP6012_04 Datasheet HTML 7Page - Intersil Corporation HIP6012_04 Datasheet HTML 8Page - Intersil Corporation HIP6012_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN4324.2
December 27, 2004
PGND (Pin 11)
This is the power ground connection. Tie the lower MOSFET
source to this pin.
LGATE (Pin 12)
Connect LGATE to the lower MOSFET gate. This pin
provides the gate drive for the lower MOSFET.
PVCC (Pin 13)
Provide a bias supply for the lower gate drive to this pin.
VCC (Pin 14)
Provide a 12V bias supply for the chip to this pin.
Functional Description
Initialization
The HIP6012 automatically initializes upon receipt of power.
Special sequencing of the input supplies is not necessary.
The Power-On Reset (POR) function continually monitors
the input supply voltages and the enable (EN) pin. The POR
monitors the bias voltage at the VCC pin and the input
voltage (VIN) on the OCSET pin. The level on OCSET is
equal to VIN Less a fixed voltage drop (see overcurrent
protection). With the EN pin held to VCC, the POR function
initiates soft start operation after both input supply voltages
exceed their POR thresholds. For operation with a single
+12V power source, VIN and VCC are equivalent and the
+12V power source must exceed the rising VCC threshold
before POR initiates operation.
The Power-On Reset (POR) function inhibits operation with
the chip disabled (EN pin low). With both input supplies
above their POR thresholds, transitioning the EN pin high
initiates a soft start interval.
Soft Start
The POR function initiates the soft start sequence. An
internal 10
µA current source charges an external capacitor
(CSS) on the SS pin to 4V. Soft start clamps the error
amplifier output (COMP pin) and reference input (+ terminal
of error amp) to the SS pin voltage. Figure 3 shows the soft
start interval with CSS = 0.1µF. Initially the clamp on the
error amplifier (COMP pin) controls the converter’s output
voltage. At t1 in Figure 3, the SS voltage reaches the valley
of the oscillator’s triangle wave. The oscillator’s triangular
waveform is compared to the ramping error amplifier
voltage. This generates PHASE pulses of increasing width
that charge the output capacitor(s). This interval of
increasing pulse width continues to t2. With sufficient
output voltage, the clamp on the reference input controls
the output voltage. This is the interval between t2 and t3 in
Figure 3. At t3 the SS voltage exceeds the reference
voltage and the output voltage is in regulation. This method
provides a rapid and controlled output voltage rise.
Overcurrent Protection
The overcurrent function protects the converter from a
shorted output by using the upper MOSFETs on-resistance,
rDS(ON) to monitor the current. This method enhances the
converter’s efficiency and reduces cost by eliminating a
current sensing resistor.
The overcurrent function cycles the soft-start function in a
hiccup mode to provide fault protection. A resistor (ROCSET)
programs the overcurrent trip level. An internal 200
µA
(typical) current sink develops a voltage across ROCSET that
is reference to VIN. When the voltage across the upper
MOSFET (also referenced to VIN) exceeds the voltage
across ROCSET, the overcurrent function initiates a soft-start
sequence. The soft-start function discharges CSS with a
10
µA current sink and inhibits PWM operation. The soft-start
function recharges CSS, and PWM operation resumes with
the error amplifier clamped to the SS voltage. Should an
overload occur while recharging CSS, the soft start function
inhibits PWM operation while fully charging CSS to 4V to
TIME (5ms/DIV.)
SOFT-START
(1V/DIV.)
0V
0V
t1
t2
t3
OUTPUT
(1V/DIV.)
VOLTAGE
FIGURE 3. SOFT-START INTERVAL
0A
0V
TIME (20ms/DIV.)
5A
10A
15A
2V
4V
FIGURE 4. OVERCURRENT OPERATION
HIP6012


Similar Part No. - HIP6012_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6012CB INTERSIL-HIP6012CB Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012CB INTERSIL-HIP6012CB Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6012CB RENESAS-HIP6012CB Datasheet
655Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6012CB-T INTERSIL-HIP6012CB-T Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012CBZ INTERSIL-HIP6012CBZ Datasheet
360Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - HIP6012_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com