Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55171IM Datasheet(PDF) 7 Page - Intersil Corporation

Part # HC55171IM
Description  5 REN Ringing SLIC for ISDN Modem/TA and WLL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55171IM Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HC55171IM Datasheet HTML 3Page - Intersil Corporation HC55171IM Datasheet HTML 4Page - Intersil Corporation HC55171IM Datasheet HTML 5Page - Intersil Corporation HC55171IM Datasheet HTML 6Page - Intersil Corporation HC55171IM Datasheet HTML 7Page - Intersil Corporation HC55171IM Datasheet HTML 8Page - Intersil Corporation HC55171IM Datasheet HTML 9Page - Intersil Corporation HC55171IM Datasheet HTML 10Page - Intersil Corporation HC55171IM Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Functional Diagram
The truth table for the internal logic of the HC55171 is
provided in the above table. This family of ringing SLICs can
be configured to support traditional unbalanced ringing and
thru SLIC balanced ringing. Refer to the HC5509A1R3060 for
unbalanced ringing application information. The device
operating states used by thru SLIC ringing applications are
loop power denial and normal feed. During loop power denial,
the tip and ring amplifiers are disabled (high impedance) and
the DC voltage of each amplifier approaches ground. The
SLIC will not provide current to the subscriber loop during this
mode and will not detect loop closure. Voice transmission
occurs during the normal loop feed mode. During normal loop
feed the SLIC is completely operational and performs all
transmission and supervisory functions.
Power Dissipation
Careful thermal design is required to guarantee that the
maximum junction temperature of 150oC of the device is not
exceeded. The junction temperature of the SLIC can be
calculated using:
Where TA is maximum ambient temperature and θJA is
junction to air thermal resistance (and is package
dependent). The entire term in parentheses yields the SLIC
power dissipation. The power dissipation of the subscriber
loop does not contribute to device junction temperature and
is subtracted from the power dissipation term. Operating at
85oC, the maximum PLCC SLIC power dissipation is 1.18W.
Likewise, the maximum SOIC SLIC power dissipation is
0.92W.
R
R
VREF
R
VRX
OUT 1
R/20
R/2
TIP
TA
R
2R
2R
R
90K
RING
RA
4.5K
25K
25K
100K
100K
4.5K
90K
RF
25
17
12
+2V
TF
14
RF
15
16
26
3
OP AMP
VRING
VTX
GM
28
11
RF2
BIAS
NETWORK
AGND
VCC
TSD
GK
RFC
SH
F0
F1
RS
ALM
RTD
SHD
TST
VBAT
-IN 1
13
24
19
2
1
TF
BGND
22
27
4
5
6
9
20
21
7
8
10
R = 108k
R
R
100K
100K
90K
18
RTI
NU
ILMT
SENSE
SENSE 1
RING
SENSE 2
RDI
RDO
+
-
+
-
THERM
LTD
SHD
RTD
FAULT
DET
+
-
REF
VB/2
+
-
+
-
+
-
HC55171 DEVICE TRUTH TABLE
F1
F0
STATE
0
0
Loop power Denial Active
0
1
Power Down Latch RESET, Power on
RESET
1
0
RD Active
1
1
Normal Loop feed
T
J
T
A
θ
JA ICC VCC
I
BAT VBAT
I
LOOP
()
2
R
LOOP
()
+
()
+
=
(EQ. 1)
HC55171


Similar Part No. - HC55171IM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55171IM INTERSIL-HC55171IM Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
More results

Similar Description - HC55171IM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55171 INTERSIL-HC55171 Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC5517 INTERSIL-HC5517 Datasheet
175Kb / 18P
   3 REN Ringing SLIC For ISDN Modem/TA and WLL
July 1998
HC5517 INTERSIL-HC5517_00 Datasheet
416Kb / 19P
   3 REN Ringing SLIC For ISDN Modem/TA and WLL
HC55171B INTERSIL-HC55171B Datasheet
87Kb / 11P
   Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC5517B INTERSIL-HC5517B Datasheet
88Kb / 11P
   Low Cost 3 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
   WLL and ISDN-TA subscriber line interface circuit
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
   WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
STLC3055 STMICROELECTRONICS-STLC3055 Datasheet
153Kb / 22P
   WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com