Electronic Components Datasheet Search |
|
74ACQ373 Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
74ACQ373 Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 13 page tm April 2007 ©1989 Fairchild Semiconductor Corporation www.fairchildsemi.com 74ACQ373, 74ACTQ373 Rev. 1.3 74ACQ373, 74ACTQ373 Quiet Series™ Octal Transparent Latch with 3-STATE Outputs Features ■ ICC and IOZ reduced by 50% ■ Guaranteed simultaneous switching noise level and dynamic threshold performance ■ Guaranteed pin-to-pin skew AC performance ■ Improved latch up immunity ■ Eight latches in a single package ■ 3-STATE outputs drive bus lines or buffer memory address registers ■ Outputs source/sink 24mA ■ Faster prop delays than the standard AC/ACT373 General Description The ACQ/ACTQ373 consists of eight latches with 3-STATE outputs for bus organized system applications. The latches appear transparent to the data when Latch Enable (LE) is HIGH. When LE is LOW, the data satisfy- ing the input timing requirements is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the bus output is in the HIGH impedance state. The ACQ/ACTQ373 utilizes Fairchild Quiet Series™ technology to guarantee quiet output switching and improve dynamic threshold performance. features GTO™ output control and undershoot corrector in addi- tion to a split ground bus for superior performance. Ordering Information Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number. Connection Diagram Pin Descriptions Order Number Package Number Package Description 74ACQ373SC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body 74ACQ373SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74ACTQ373SC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body 74ACTQ373SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74ACQT373QSC MQA20 20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150” Wide Pin Names Description D0–D7 Data Inputs LE Latch Enable Input OE Output Enable Input O0–O7 3-STATE Latch Outputs FACT™, Quiet Series™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation. |
Similar Part No. - 74ACQ373_07 |
|
Similar Description - 74ACQ373_07 |