Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP1011CB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP1011CB
Description  PCI Hot Plug Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1011CB Datasheet(HTML) 2 Page - Intersil Corporation

  HIP1011CB Datasheet HTML 1Page - Intersil Corporation HIP1011CB Datasheet HTML 2Page - Intersil Corporation HIP1011CB Datasheet HTML 3Page - Intersil Corporation HIP1011CB Datasheet HTML 4Page - Intersil Corporation HIP1011CB Datasheet HTML 5Page - Intersil Corporation HIP1011CB Datasheet HTML 6Page - Intersil Corporation HIP1011CB Datasheet HTML 7Page - Intersil Corporation HIP1011CB Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Typical Application
12V,
M12VIN
FLTN
3V5VG
VCC
12VIN
3VISEN
3VS
OCSET
M12VO
12VG
GND
12VO
5VISEN
5VS
PWRON
M12VG
HIP1011
3.3V,
12V INPUT
5V,
-12V,
5V INPUT
-12V INPUT
POWER CONTROL INPUT
0.033µF
0.033µF
6.04k
FAULT OUTPUT (ACTIVE LOW)
(OPTIONAL)
5m
Ω, 1%
0.033µF
NOTE:
1. All capacitors are
±10%.
1%
3.3V INPUT
5m
Ω, 1%
7.6A OUT
0.5A OUT
0.1A OUT
5A OUT
HUF761315K8
HIP1011


Similar Part No. - HIP1011CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011CB INTERSIL-HIP1011CB Datasheet
61Kb / 7P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011CB RENESAS-HIP1011CB Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011CB-T INTERSIL-HIP1011CB-T Datasheet
61Kb / 7P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011CB-T RENESAS-HIP1011CB-T Datasheet
408Kb / 8P
   PCI Hot Plug Controller
HIP1011CBZA RENESAS-HIP1011CBZA Datasheet
408Kb / 8P
   PCI Hot Plug Controller
More results

Similar Description - HIP1011CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130A TI-HPC3130A Datasheet
537Kb / 41P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
   PCI Hot Plug Controller
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
   PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B Datasheet
93Kb / 9P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com