Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS3906 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPS3906
Description  PNP switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPS3906 Datasheet(HTML) 3 Page - NXP Semiconductors

  MPS3906 Datasheet HTML 1Page - NXP Semiconductors MPS3906 Datasheet HTML 2Page - NXP Semiconductors MPS3906 Datasheet HTML 3Page - NXP Semiconductors MPS3906 Datasheet HTML 4Page - NXP Semiconductors MPS3906 Datasheet HTML 5Page - NXP Semiconductors MPS3906 Datasheet HTML 6Page - NXP Semiconductors MPS3906 Datasheet HTML 7Page - NXP Semiconductors MPS3906 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 12
3
Philips Semiconductors
Product specification
PNP switching transistor
MPS3906
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp = 300 µs; δ = 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−50
nA
IEBO
emitter cut-off current
IE = 0; VEB = −5V
−−50
nA
hFE
DC current gain
VCE = −1 V; note 1
IC = −0.1 mA
60
IC = −1mA
80
IC = −10 mA
100
300
IC = −50 mA
60
IC = −100 mA
30
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −1 mA; note 1
−−250
mV
IC = −50 mA; IB = −5 mA; note 1
−−400
mV
VBEsat
base-emitter saturation voltage
IC = −10 mA; IB = −1 mA; note 1
−650
−850
mV
IC = −50 mA; IB = −5 mA; note 1
−−950
mV
Cc
collector capacitance
IE =ie = 0; VCB = −5V;
100 kHz
≤ f ≤ 1 MHz
5pF
Ce
emitter capacitance
IC =ic = 0; VEB = −0.5 V;
100 kHz
≤ f ≤ 1 MHz
15
pF
fT
transition frequency
IC = −10 mA; VCE = −20 V; f = 100 MHz
150
MHz
F
noise figure
IC = −100 µA; VCE = −5 V; RS =1kΩ;
f = 10 Hz to 15.7 kHz
4dB
Switching times (between 10% and 90% levels); (see Fig.2)
ton
turn-on time
ICon = −10 mA; IBon = −1 mA;
IBoff = 1 mA; VCC = −3 V; VBB = 1.9 V
100
ns
td
delay time
50
ns
tr
rise time
50
ns
toff
turn-off time
700
ns
ts
storage time
600
ns
tf
fall time
100
ns


Similar Part No. - MPS3906

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
logo
ON Semiconductor
MPS3906 ONSEMI-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor(PNP Silicon)
REV 1
logo
New Jersey Semi-Conduct...
MPS3906 NJSEMI-MPS3906 Datasheet
85Kb / 2P
   General Purpose Transistor
More results

Similar Description - MPS3906

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com