Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACQ240 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACQ240
Description  Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ240 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACQ240_07 Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ240_07 Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ240_07 Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ240_07 Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ240_07 Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ240_07 Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ240_07 Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ240_07 Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ240_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
tm
March 2007
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ240, 74ACTQ240 Rev. 1.6
74ACQ240, 74ACTQ240
Quiet Series™ Octal Buffer/Line Driver with 3-STATE
Outputs
Features
ICC and IOZ reduced by 50%
Guaranteed simultaneous switching noise level and
dynamic threshold performance
Guaranteed pin-to-pin skew AC performance
Improved latch-up immunity
Inverting 3-STATE outputs drive bus lines or buffer
memory address registers
Outputs source/sink 24mA
Faster prop delays than the standard ACT240
General Description
The ACQ/ACTQ240 is an inverting octal buffer and line
driver designed to be employed as a memory address
driver, clock driver and bus oriented transmitter or
receiver which provides improved PC board density. The
ACQ/ACTQ utilizes Fairchild's Quiet Series™ technol-
ogy to guarantee quiet output switching and improve
dynamic threshold performance. FACT Quiet Series™
features GTO™ output control and undershoot corrector
in addition to a split ground bus for superior perfor-
mance.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagram
Pin Descriptions
Order Number
Package
Number
Package Description
74ACQ240SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACQ240SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ240SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACTQ240SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ240QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Pin Names
Description
OE1, OE2
3-STATE Output Enable Inputs
I0–I7
Inputs
O0–O7
Outputs
FACT™, Quiet Series™, FACT Quiet Series™, and GTO™ are trademarks of Fairchild Semiconductor Corporation.


Similar Part No. - 74ACQ240_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ240PC FAIRCHILD-74ACQ240PC Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240PCX FAIRCHILD-74ACQ240PCX Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240SC FAIRCHILD-74ACQ240SC Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240SCX FAIRCHILD-74ACQ240SCX Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240SJ FAIRCHILD-74ACQ240SJ Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACQ240_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541_07 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244_07 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ244QSCX FAIRCHILD-74ACTQ244QSCX Datasheet
110Kb / 10P
   Quiet Series田?Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com