Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT574 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACT574
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT574 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACT574 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT574 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT574 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT574 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT574 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT574 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT574 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT574 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT574 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACT
Note 5: All outputs loaded; thresholds on input associated with output under test.
Note 6: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 7: Voltage Range 3.3 is 3.3V
r 0.3V
Voltage Range 5.0 is 5.0V
r 0.5V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT 50 PA
5.5
5.49
5.4
5.4
VIN VILor VIH
4.5
3.86
3.76
V
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 5)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
VIN VILor VIH
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 5)
IIN
Maximum Input
5.5
r0.1
r1.0
PAVI VCC, GND
Leakage Current
IOZ
Maximum 3-STATE
5.5
r0.25
r2.5
PA
VI VIL, VIH
Leakage Current
VO VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI VCC  2.1V
I]OLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V
IOHD
Output Current (Note 6)
5.5
75
mA
VOHD 3.85V
ICC
Maximum Quiescent
5.5
4.0
40.0
PA
VIN VCC
Supply Current
or GND
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
3.3
75
112
60
MHz
Frequency
5.0
95
153
85
tPLH
Propagation Delay
3.3
3.5
8.5
13.5
3.5
15.0
ns
CP to On
5.0
2.0
6.0
9.5
2.0
11.0
tPHL
Propagation Delay
3.3
3.5
7.5
12.0
3.5
13.5
ns
CP to On
5.0
2.0
5.5
8.5
2.0
9.5
tPZH
Output Enable Time
3.3
2.5
7.0
11.0
2.5
12.0
ns
5.0
2.0
5.0
8.5
2.0
9.0
tPZL
Output Enable Time
3.3
3.0
6.5
10.5
3.0
11.5
ns
5.0
2.0
5.0
8.0
1.5
9.0
tPHZ
Output Disable Time
3.3
3.5
7.5
12.0
2.5
13.0
ns
5.0
2.0
6.0
9.5
1.5
10.5
tPLZ
Output Disable Time
3.3
2.0
5.5
9.0
1.5
10.0
ns
5.0
1.0
4.5
7.5
1.0
8.5


Similar Part No. - 74ACT574

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT574 STMICROELECTRONICS-74ACT574 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
February 2000
logo
Fairchild Semiconductor
74ACT574 FAIRCHILD-74ACT574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74ACT574 ONSEMI-74ACT574 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74ACT574 FAIRCHILD-74ACT574 Datasheet
116Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
Silicon Supplies
74ACT574 SS-74ACT574 Datasheet
908Kb / 6P
   Advanced CMOS TTL Input
More results

Similar Description - 74ACT574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com