Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5905IN Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI5905IN
Description  14-Bit, 5MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5905IN Datasheet(HTML) 4 Page - Intersil Corporation

  HI5905IN Datasheet HTML 1Page - Intersil Corporation HI5905IN Datasheet HTML 2Page - Intersil Corporation HI5905IN Datasheet HTML 3Page - Intersil Corporation HI5905IN Datasheet HTML 4Page - Intersil Corporation HI5905IN Datasheet HTML 5Page - Intersil Corporation HI5905IN Datasheet HTML 6Page - Intersil Corporation HI5905IN Datasheet HTML 7Page - Intersil Corporation HI5905IN Datasheet HTML 8Page - Intersil Corporation HI5905IN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Full Power Input Bandwidth (FPBW)
-
100
-
MHz
Analog Input Common Mode Voltage Range (VIN+ + VIN-)/2
Differential Mode (Note 2)
1
2.3
4
V
INTERNAL VOLTAGE REFERENCE
Reference Output Voltage, VROUT
3.95
4.0
4.05
V
Reference Output Current
-
-
0.75
mA
Reference Temperature Coefficient
-
125
-
ppm/oC
REFERENCE VOLTAGE INPUT
Reference Voltage Input, VRIN
-
4.0
-
V
Total Reference Resistance, RL
-
5.6
-
k
Reference Current
-
715
-
µA
DC BIAS VOLTAGE
DC Bias Voltage Output, VDC
-
2.3
-
V
Max Output Current (Not To Exceed)
-
-
1
mA
DIGITAL INPUTS (CLK)
Input Logic High Voltage, VIH
2.0
-
-
V
Input Logic Low Voltage, VIL
-
-
0.8
V
Input Logic High Current, IIH
VCLK = 5V
-10.0
-
+10.0
µA
Input Logic Low Current, IIL
VCLK = 0V
-10.0
-
+10.0
µA
Input Capacitance, CIN
-
10
-
pF
DIGITAL OUTPUTS (D0-D13)
Output Logic High Voltage, VOH
IOH = 100µA
3.5
-
-
V
Output Logic Low Voltage, VOL
IOL = 100µA
-
-
1.5
V
Output Capacitance, COUT
-
5
-
pF
TIMING CHARACTERISTICS
Aperture Delay, tAP
-
7
-
ns
Aperture Jitter, tAJ
-
1
-
ps (RMS)
Data Output Delay, tOD
-
50
60
ns
Data Output Hold, tH
(Note 2)
5
8
-
ns
Data Latency, tLAT
For a Valid Sample (Note 2)
-
-
4
Cycles
Clock Pulse Width (Low)
5MSPS Clock (Note 2)
95
100
105
ns
Clock Pulse Width (High)
5MSPS Clock (Note 2)
95
100
105
ns
POWER SUPPLY CHARACTERISTICS
Total Supply Current, ICC
VIN+ = VIN- = VDC
-
70
80
mA
Analog Supply Current, AICC
VIN+ = VIN- = VDC
-
50
-
mA
Digital Supply Current, DICC1
VIN+ = VIN- = VDC
-
14
-
mA
Output Supply Current, DICC2
VIN+ = VIN- = VDC
-
6
-
mA
Power Dissipation
VIN+ = VIN- = VDC
-
350
400
mW
Offset Error PSRR,
∆VOS
AVCC or DVCC = 5V ± 5%
-
2
-
LSB
Gain Error PSRR,
∆FSE
AVCC or DVCC = 5V ± 5%
-
45
-
LSB
NOTES:
2. Parameter guaranteed by design or characterization and not production tested.
3. With the clock off (clock low, hold mode).
Electrical Specifications
AVCC = DVCC1 = DVCC2 = +5.0V, fS = 5MSPS at 50% Duty Cycle, VRIN = VROUT, CL = 15pF,
TA = 25
oC, Differential Analog Input, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HI5905


Similar Part No. - HI5905IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5905IN INTERSIL-HI5905IN Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Renesas Technology Corp
HI5905IN RENESAS-HI5905IN Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
More results

Similar Description - HI5905IN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
HI5805 RENESAS-HI5805 Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805 INTERSIL-HI5805 Datasheet
113Kb / 12P
   12-Bit, 5MSPS A/D Converter
HI5805 INTERSIL-HI5805_05 Datasheet
613Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Maxwell Technologies
7872 MAXWELL-7872 Datasheet
154Kb / 11P
   14-Bit A/D Converter
logo
National Semiconductor ...
DAC14135 NSC-DAC14135 Datasheet
842Kb / 12P
   14-bit, 135MSPS D/A Converter
CLC5958 NSC-CLC5958 Datasheet
1Mb / 13P
   14-bit, 52MSPS A/D Converter
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com