Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5905 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI5905
Description  14-Bit, 5MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5905 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI5905 Datasheet HTML 3Page - Intersil Corporation HI5905 Datasheet HTML 4Page - Intersil Corporation HI5905 Datasheet HTML 5Page - Intersil Corporation HI5905 Datasheet HTML 6Page - Intersil Corporation HI5905 Datasheet HTML 7Page - Intersil Corporation HI5905 Datasheet HTML 8Page - Intersil Corporation HI5905 Datasheet HTML 9Page - Intersil Corporation HI5905 Datasheet HTML 10Page - Intersil Corporation HI5905 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Detailed Description
Theory of Operation
The HI5905 is a 14-bit fully differential sampling pipeline A/D
converter with digital error correction. Figure 8 depicts the
circuit for the front end differential-in-differential-out sample-
and-hold (S/H). The switches are controlled by an internal
clock which is a non-overlapping two phase signal,
φ
1 and
φ
2, derived from the master clock. During the sampling
phase,
φ
1 , the input signal is applied to the sampling
capacitors, CS. At the same time the holding capacitors, CH,
are discharged to analog ground. At the falling edge of
φ
1
the input signal is sampled on the bottom plates of the
sampling capacitors. In the next clock phase,
φ
2 , the two
bottom plates of the sampling capacitors are connected
together and the holding capacitors are switched to the op-
amp output nodes. The charge then redistributes between
CS and CH completing one sample-and-hold cycle. The
output is a fully-differential, sampled-data representation of
the analog input. The circuit not only performs the sample-
and-hold function but will also convert a single-ended input
to a fully-differential output for the converter core. During the
sampling phase, the VIN pins see only the on-resistance of a
switch and CS. The relatively small values of these
components result in a typical full power input bandwidth of
100MHz for the converter.
As illustrated in the functional block diagram and the timing
diagram in Figure 1, four identical pipeline subconverter stages,
each containing a four-bit flash converter, a four-bit digital-to-
analog converter and an amplifier with a voltage gain of 8,
follow the S/H circuit with the fifth stage being only a 4-bit flash
converter. Each converter stage in the pipeline will be sampling
in one phase and amplifying in the other clock phase. Each
individual sub-converter clock signal is offset by 180 degrees
from the previous stage clock signal, with the result that
alternate stages in the pipeline will perform the same operation.
The output of each of the four-bit subconverter stages is a
four-bit digital word containing a supplementary bit to be used
by the digital error correction logic. The output of each
subconverter stage is input to a digital delay line which is
controlled by the internal sampling clock. The function of the
digital delay line is to time align the digital outputs of the four
identical four-bit subconverter stages with the corresponding
output of the fifth stage flash converter before applying the
Pin Descriptions
PIN #
NAME
DESCRIPTION
1
NC
No Connection
2
NC
No Connection
3
DGND1
Digital Ground
4
NC
No Connection
5
AVCC
Analog Supply (5.0V)
6
AGND
Analog Ground
7
NC
No Connection
8
NC
No Connection
9
VIN+
Positive Analog Input
10
VIN-
Negative Analog Input
11
VDC
DC Bias Voltage Output
12
NC
No Connection
13
VROUT
Reference Voltage Output
14
VRIN
Reference Voltage Input
15
AGND
Analog Ground
16
AVCC
Analog Supply (5.0V)
17
NC
No Connection
18
D13
Data Bit 11 Output (MSB)
19
D12
Data Bit 11 Output
20
D11
Data Bit 11 Output
21
D10
Data Bit 10 Output
22
NC
No Connection
23
NC
No Connection
24
D9
Data Bit 9 Output
25
D8
Data Bit 8 Output
26
DGND2
Digital Ground
27
DVCC2
Digital Supply (5.0V)
28
NC
No Connection
29
D7
Data Bit 7 Output
30
D6
Data Bit 6 Output
31
D5
Data Bit 5 Output
32
D4
Data Bit 4 Output
33
D3
Data Bit 3 Output
34
NC
No Connection
35
NC
No Connection
36
D2
Data Bit 2 Output
37
D1
Data Bit 1 Output
38
D0
Data Bit 0 Output (LSB)
39
NC
No Connection
40
CLK
Input Clock
41
DVCC1
Digital Supply (5.0V)
42
DGND1
Digital Ground
43
DVCC1
Digital Supply (5.0V)
44
NC
No Connection
CH
CS
CS
VIN+
VOUT+
VOUT -
VIN-
φ
1
φ
1
φ
2
φ
1
φ
1
CH
φ
1
φ
1
+
-
- +
FIGURE 8. ANALOG INPUT SAMPLE-AND-HOLD
HI5905


Similar Part No. - HI5905

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
logo
Intersil Corporation
HI5905EVAL2 INTERSIL-HI5905EVAL2 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
HI5905EVAL2 INTERSIL-HI5905EVAL2 Datasheet
93Kb / 8P
   14-Bit, 5 MSPS, Military A/D Converter
logo
Renesas Technology Corp
HI5905EVAL2 RENESAS-HI5905EVAL2 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
More results

Similar Description - HI5905

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
HI5805 RENESAS-HI5805 Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805 INTERSIL-HI5805 Datasheet
113Kb / 12P
   12-Bit, 5MSPS A/D Converter
HI5805 INTERSIL-HI5805_05 Datasheet
613Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Maxwell Technologies
7872 MAXWELL-7872 Datasheet
154Kb / 11P
   14-Bit A/D Converter
logo
National Semiconductor ...
DAC14135 NSC-DAC14135 Datasheet
842Kb / 12P
   14-bit, 135MSPS D/A Converter
CLC5958 NSC-CLC5958 Datasheet
1Mb / 13P
   14-bit, 52MSPS A/D Converter
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com