Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5905 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI5905
Description  14-Bit, 5MSPS A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5905 Datasheet(HTML) 3 Page - Intersil Corporation

  HI5905_03 Datasheet HTML 1Page - Intersil Corporation HI5905_03 Datasheet HTML 2Page - Intersil Corporation HI5905_03 Datasheet HTML 3Page - Intersil Corporation HI5905_03 Datasheet HTML 4Page - Intersil Corporation HI5905_03 Datasheet HTML 5Page - Intersil Corporation HI5905_03 Datasheet HTML 6Page - Intersil Corporation HI5905_03 Datasheet HTML 7Page - Intersil Corporation HI5905_03 Datasheet HTML 8Page - Intersil Corporation HI5905_03 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage, AVCC or DVCC to AGND or DGND. . . . . . . . . +6.0V
DGND to AGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3V
Digital I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND to DVCC
Analog I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND to AVCC
Operating Conditions
Temperature Range (HI5905IN) . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
65
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(MQFP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
AVCC = DVCC1 = DVCC2 = +5.0V, fS = 5MSPS at 50% Duty Cycle, VRIN = VROUT, CL = 15pF,
TA = 25
oC, Differential Analog Input, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY
Resolution
14
-
-
Bits
Integral Linearity Error, INL
Sinewave Histogram
-
±2.5
-
LSB
Differential Linearity Error, DNL
(Guaranteed No Missing Codes)
Sinewave Histogram
-1
±0.5
+1.5
LSB
Offset Error, VOS
fIN = DC
-
-
120
LSB
Full Scale Error, FSE
fIN = DC
-
-
164
LSB
DYNAMIC CHARACTERISTICS
Minimum Conversion Rate
No Missing Codes (Note 2)
-
-
0.5
MSPS
Maximum Conversion Rate
No Missing Codes
5
-
-
MSPS
Effective Number of Bits, ENOB
fIN = 1MHz
11.2
11.7
-
Bits
Signal to Noise and Distortion Ratio, SINAD
fIN = 1MHz
69
72.2
-
dB
Signal to Noise Ratio, SNR
fIN = 1MHz
71
74.6
-
dB
Total Harmonic Distortion, THD
fIN = 1MHz
-73
75.7
-
dBc
2nd Harmonic Distortion
fIN = 1MHz
-
-95
dBc
3rd Harmonic Distortion
fIN = 1MHz
-
-77
-
dBc
Spurious Free Dynamic Range, SFDR
fIN = 1MHz
80
-
-
dBc
Intermodulation Distortion, IMD
f1 = 1MHz, f2 = 1.02MHz
-
74
-
dBc
Transient Response
-
1
-
Cycle
Over-Voltage Recovery
0.2V Overdrive
-
2
-
Cycle
ANALOG INPUT
Maximum Peak-to-Peak Differential Analog Input Range (VIN+
- VIN-)
-
±2.0
-
V
Maximum Peak-to-Peak Single-Ended Analog Input Range
-
4.0
-
V
Analog Input Resistance, RIN
(Notes 1, 2)
1
-
-
M
Analog Input Capacitance, CIN
(Note 2)
-
10
16
pF
Analog Input Bias Current, IB+ or IB-
(Note 3)
-50
-
+50
µA
Differential Analog Input Bias Current IB DIFF = (IB+ - IB-)
-
±0.5
-
µA
=
RMS Signal
RMS Noise + Distortion
--------------------------------------------------------------
=
RMS Signal
RMS Noise
-------------------------------
HI5905


Similar Part No. - HI5905_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5905EVAL2 INTERSIL-HI5905EVAL2 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
HI5905EVAL2 INTERSIL-HI5905EVAL2 Datasheet
93Kb / 8P
   14-Bit, 5 MSPS, Military A/D Converter
logo
Renesas Technology Corp
HI5905EVAL2 RENESAS-HI5905EVAL2 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
logo
Intersil Corporation
HI5905IN INTERSIL-HI5905IN Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Renesas Technology Corp
HI5905IN RENESAS-HI5905IN Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
More results

Similar Description - HI5905_03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
HI5805 RENESAS-HI5805 Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805 INTERSIL-HI5805 Datasheet
113Kb / 12P
   12-Bit, 5MSPS A/D Converter
HI5805 INTERSIL-HI5805_05 Datasheet
613Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Maxwell Technologies
7872 MAXWELL-7872 Datasheet
154Kb / 11P
   14-Bit A/D Converter
logo
National Semiconductor ...
DAC14135 NSC-DAC14135 Datasheet
842Kb / 12P
   14-bit, 135MSPS D/A Converter
CLC5958 NSC-CLC5958 Datasheet
1Mb / 13P
   14-bit, 52MSPS A/D Converter
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com