Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-1145RH Datasheet(PDF) 5 Page - Intersil Corporation

Part # HS-1145RH
Description  Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1145RH Datasheet(HTML) 5 Page - Intersil Corporation

  HS-1145RH Datasheet HTML 1Page - Intersil Corporation HS-1145RH Datasheet HTML 2Page - Intersil Corporation HS-1145RH Datasheet HTML 3Page - Intersil Corporation HS-1145RH Datasheet HTML 4Page - Intersil Corporation HS-1145RH Datasheet HTML 5Page - Intersil Corporation HS-1145RH Datasheet HTML 6Page - Intersil Corporation HS-1145RH Datasheet HTML 7Page - Intersil Corporation HS-1145RH Datasheet HTML 8Page - Intersil Corporation HS-1145RH Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN4227.2
February 14, 2005
FIGURE 9. SMALL SIGNAL PULSE RESPONSE
FIGURE 10. LARGE SIGNAL POSITIVE PULSE RESPONSE
FIGURE 11. LARGE SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 12. OUTPUT ENABLE AND DISABLE RESPONSE
FIGURE 13. FREQUENCY RESPONSE
FIGURE 14. FREQUENCY RESPONSE
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25oC, RL = 100Ω, Unless Otherwise Specified (Continued)
200
150
100
50
0
-50
-100
-150
-200
5ns/DIV.
AV = +10
RF = 180Ω
5ns/DIV.
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
AV = +10
RF = 180Ω
5ns/DIV.
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
AV = +10
RF = 180Ω
50ns/DIV.
AV = +1, VIN = 1V
DISABLE
800mV/DIV.
(0.4V to 2.4V)
OUT
400mV/DIV.
0V
3
0
-3
0.3
1
10
100
500
270
180
90
0
AV = +1
FREQUENCY (MHz)
AV = -1
AV = -1
AV = +1
VOUT = 200mVP-P
+RS = 510Ω (+1)
+RS = 0Ω (-1)
3
0
-3
0.3
1
10
100
500
270
180
90
0
FREQUENCY (MHz)
AV = +2
AV = +10
AV = +2
AV = +5
AV = +10
AV = +5
VOUT = 200mVP-P
RF = 510Ω (+2)
RF = 200Ω (+5)
RF = 180Ω (+10)
HS-1145RH


Similar Part No. - HS-1145RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
More results

Similar Description - HS-1145RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
   Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HS-1254RH INTERSIL-HS-1254RH Datasheet
18Kb / 3P
   Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
logo
Renesas Technology Corp
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com