Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT374CSC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ABT374CSC
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT374CSC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ABT374CSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT374CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT374CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT374CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT374CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT374CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT374CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT374CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT374CSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT374 Rev. 1.4
4
DC Electrical Characteristics
Notes:
3. For 8-bit toggling, ICCD < 0.8mA/MHz.
4. Guaranteed, but not tested.
Symbol
Parameter
VCC
Conditions
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
Recognized HIGH Signal
2.0
V
VIL
Input LOW Voltage
Recognized LOW Signal
0.8
V
VCD
Input Clamp Diode Voltage
Min.
IIN = –18mA
–1.2
V
VOH
Output HIGH Voltage
Min.
IOH = –3mA
2.5
V
IOH = –32mA
2.0
VOL
Output LOW Voltage
Min.
IOL = 64mA
0.55
V
IIH
Input HIGH Current
Max.
VIN = 2.7V
(4)
1µA
VIN = VCC
1
IBVI
Input HIGH Current Breakdown
Test
Max.
VIN = 7.0V
7
µA
IIL
Input LOW Current
Max.
VIN = 0.5V
(4)
–1
µA
VIN = 0.0V
–1
VID
Input Leakage Test
0.0
IID = 1.9µA, All Other Pins
Grounded
4.75
V
IOZH
Output Leakage Current
0–5.5V VOUT = 2.7V, OE = 2.0V
10
µA
IOZL
Output Leakage Current
0–5.5V VOUT = 0.5V, OE = 2.0V
–10
µA
IOS
Output Short-Circuit Current
Max.
VOUT = 0.0V
–100
–275
mA
ICEX
Output HIGH Leakage Current
Max.
VOUT = VCC
50
µA
IZZ
Bus Drainage Test
0.0
VOUT = 5.5V, All Others VCC or
GND
100
µA
ICCH
Power Supply Current
Max.
All Outputs HIGH
50
µA
ICCL
Power Supply Current
Max.
All Outputs LOW
30
mA
ICCZ
Power Supply Current
Max.
OE
= VCC, All Others at VCC
or GND
50
µA
ICCT
Additional
ICC/Input
Outputs Enabled
Max.
VI = VCC – 2.1V
2.5
mA
Outputs 3-STATE
Enable Input VI = VCC – 2.1V
2.5
mA
Outputs 3-STATE
Data Input VI = VCC – 2.1V,
All Others at VCC or GND
2.5
mA
ICCD
Dynamic ICC No Load
(4)
Max.
Outputs OPEN, OE
= GND(3),
One-Bit Toggling,
50% Duty Cycle
0.30
mA/
MHz


Similar Part No. - 74ABT374CSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT374 FAIRCHILD-74ABT374 Datasheet
133Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
74ABT374A PHILIPS-74ABT374A Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374AD PHILIPS-74ABT374AD Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374ADB PHILIPS-74ABT374ADB Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374AN PHILIPS-74ABT374AN Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results

Similar Description - 74ABT374CSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com