Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT373 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ABT373
Description  Octal Transparent Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT373 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT373 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT373 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT373 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT373 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT373 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT373 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT373 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT373 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
tm
March 2007
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT373 Rev. 1.4
74ABT373
Octal Transparent Latch with 3-STATE Outputs
Features
3-STATE outputs for bus interfacing
Output sink capability of 64mA, source capability of
32mA
Guaranteed output skew
Guaranteed multiple output switching specifications
Output switching specified for both 50pF and 250pF
loads
Guaranteed simultaneous switching, noise level and
dynamic threshold performance
Guaranteed latchup protection
High-impedance, glitch-free bus loading during entire
power up and power down
Nondestructive, hot-insertion capability
General Description
The ABT373 consists of eight latches with 3-STATE
outputs for bus organized system applications. The flip-
flops appear transparent to the data when Latch Enable
(LE) is HIGH. When LE is LOW, the data that meets the
setup times is latched. Data appears on the bus when
the Output Enable (OE) is LOW. When OE is HIGH the
bus output is in the high impedance state.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Descriptions
Order Number
Package
Number
Package Description
74ABT373CSC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ABT373CSJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ABT373CMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74ABT373CMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input (Active HIGH)
OE
Output Enable Input (Active LOW)
O0–O7
3-STATE Latch Outputs


Similar Part No. - 74ABT373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373AD PHILIPS-74ABT373AD Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373ADB PHILIPS-74ABT373ADB Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
More results

Similar Description - 74ABT373

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com