Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA5025EVAL Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA5025EVAL
Description  Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5025EVAL Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HA5025EVAL Datasheet HTML 4Page - Intersil Corporation HA5025EVAL Datasheet HTML 5Page - Intersil Corporation HA5025EVAL Datasheet HTML 6Page - Intersil Corporation HA5025EVAL Datasheet HTML 7Page - Intersil Corporation HA5025EVAL Datasheet HTML 8Page - Intersil Corporation HA5025EVAL Datasheet HTML 9Page - Intersil Corporation HA5025EVAL Datasheet HTML 10Page - Intersil Corporation HA5025EVAL Datasheet HTML 11Page - Intersil Corporation HA5025EVAL Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN4152.4
January 23, 2006
FIGURE 10. FREQUENCY RESPONSE
FIGURE 11. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS
FIGURE 12. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS
FIGURE 13. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS
FIGURE 14. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 15. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
Typical Performance Curves VSUPPLY = ±5V, TA = 25°C, RL = 100Ω, Unless Otherwise Specified (Continued)
AV = -1
AV = +1
AV = -1
AV = +1
GAIN
PHASE
VOUT = 200mVP-P
AV = +2
AV = +2
0.3
1
10
100
500
6
3
0
-3
-6
270
180
90
0
FREQUENCY (MHz)
GAIN
PHASE
AV = +2, VOUT = 200mVP-P
0.3
1
10
100
500
9
6
3
0
270
180
90
0
FREQUENCY (MHz)
RL = 1kΩ
RL = 100Ω
RL = 50Ω
RL = 1kΩ
RL = 100Ω
RL = 50Ω
GAIN
PHASE
AV = +1, VOUT = 200mVP-P
0.3
1
10
100
500
3
0
-3
-6
270
180
90
0
FREQUENCY (MHz)
RL = 1kΩ
RL = 100Ω
RL = 50Ω
RL = 1kΩ
RL = 100Ω
RL = 50Ω
GAIN
PHASE
AV = -1, VOUT = 200mVP-P
0.3
1
10
100
500
3
0
-3
-6
-90
0
90
180
FREQUENCY (MHz)
RL = 1kΩ
RL =100Ω
RL = 50Ω
RL = 1kΩ
RL = 100Ω
RL = 50Ω
GAIN
PHASE
AV = +2
0.3
1
10
100
500
9
6
3
0
270
180
90
0
FREQUENCY (MHz)
1VP-P
2.5VP-P
4VP-P
1VP-P
2.5VP-P
4VP-P
360
GAIN
PHASE
AV = +1
0.3
1
10
100
500
3
0
-3
-6
270
180
90
0
FREQUENCY (MHz)
1VP-P
4VP-P
1VP-P
2.5VP-P
4VP-P
360
2.5VP-P
HFA1412


Similar Part No. - HA5025EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5025EVAL INTERSIL-HA5025EVAL Datasheet
175Kb / 14P
   Triple, 125MHz Video Amplifier
September 1998
logo
Renesas Technology Corp
HA5025EVAL RENESAS-HA5025EVAL Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HA5025EVAL INTERSIL-HA5025EVAL Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
logo
Renesas Technology Corp
HA5025EVAL RENESAS-HA5025EVAL Datasheet
738Kb / 13P
   Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
logo
Intersil Corporation
HA5025EVAL INTERSIL-HA5025EVAL Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
More results

Similar Description - HA5025EVAL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1412 RENESAS-HFA1412 Datasheet
738Kb / 13P
   Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
logo
National Semiconductor ...
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
   Dual Low-Power, Programmable Gain Buffer
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
   Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
   850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
National Semiconductor ...
CLC407 NSC-CLC407 Datasheet
328Kb / 8P
   Low-Cost, Low-Power Programmable Gain Buffer with Disable
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com