Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5526 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HC5526
Description  ITU CO/PABX SLIC with Low Power Standby
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HC5526 Datasheet HTML 4Page - Intersil Corporation HC5526 Datasheet HTML 5Page - Intersil Corporation HC5526 Datasheet HTML 6Page - Intersil Corporation HC5526 Datasheet HTML 7Page - Intersil Corporation HC5526 Datasheet HTML 8Page - Intersil Corporation HC5526 Datasheet HTML 9Page - Intersil Corporation HC5526 Datasheet HTML 10Page - Intersil Corporation HC5526 Datasheet HTML 11Page - Intersil Corporation HC5526 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Hysteresis
(Note 29, Figure 11)
0
5
9
mA
FIGURE 10. IDLE CHANNEL NOISE
FIGURE 11. GROUND KEY DETECT
RING TRIP DETECTOR (DT, DR)
Offset Voltage
Source Res = 0
-20
-
20
mV
Input Bias Current
Source Res = 0
-500
-
500
nA
Input Common-Mode Range
Source Res = 0
VBAT +1
-
0
V
Input Resistance
Source Res = 0, Balanced
3
-
-
M
RING RELAY DRIVER
VSAT at 25mA
IOL = 25mA
-
1.0
1.5
V
Off-State Leakage Current
VOH = 12V
-
-
10
µA
DIGITAL INPUTS (E0, E1, C1, C2)
Input Low Voltage, VIL
0-
0.8
V
Input High Voltage, VIH
2-
VCC
V
Input Low Current, IIL: C1, C2
VIL = 0.4V
-200
-
-
µA
Input Low Current, IIL: E0, E1
VIL = 0.4V
-100
-
-
µA
Input High Current
VIH = 2.4V
-
-
40
µA
DETECTOR OUTPUT (DET)
Output Low Voltage, VOL
IOL = 2mA
-
-
0.45
V
Output High Voltage, VOH
IOH = 100µA2.7
-
-
V
Internal Pull-Up Resistor
10
15
20
k
POWER DISSIPATION
Open Circuit State
C1 = C2 = 0
-
-
23
mW
On-Hook, Standby
C1 = C2 = 1
-
-
30
mW
On-Hook, Active
C1 = 0, C2 = 1, RL = High Impedance
-
-
150
mW
Off-Hook, Active
RL = 0Ω
--
1.1
W
RL = 300Ω
-
-
0.75
W
RL = 600Ω
--
0.5
W
TEMPERATURE GUARD
Thermal Shutdown
150
-
180
oC
Electrical Specifications
TA = 0
oC to 70oC, V
CC = 5V ±5%, VEE = -5V ±5%, VBAT = -28V, AGND = BGND = 0V, RDC1 = RDC2 = 41.2kΩ,
RD = 39kΩ, RSG = ∞, RF1 = RF2 = 0Ω, CHP = 10nF, CDC = 1.5µF, ZL = 600Ω. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RT
RRX
600k
300k
600
VTR
VTX
RL
TIP
27
VTX
19
RING
28
RSN
16
TIP
27
RSN
16
RING
28
RDC
14
RDC2
41.2k
RDC1
41.2k
CDC
1.5
µF
DET
E1 = C1 = 0, C2 = 1
HC5526


Similar Part No. - HC5526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5526CM INTERSIL-HC5526CM Datasheet
176Kb / 18P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5526CP INTERSIL-HC5526CP Datasheet
176Kb / 18P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5526IM INTERSIL-HC5526IM Datasheet
176Kb / 18P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
More results

Similar Description - HC5526

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com