Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3304JIB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI3304JIB
Description  4-Bit, 25 MSPS, Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3304JIB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI3304JIB Datasheet HTML 4Page - Intersil Corporation HI3304JIB Datasheet HTML 5Page - Intersil Corporation HI3304JIB Datasheet HTML 6Page - Intersil Corporation HI3304JIB Datasheet HTML 7Page - Intersil Corporation HI3304JIB Datasheet HTML 8Page - Intersil Corporation HI3304JIB Datasheet HTML 9Page - Intersil Corporation HI3304JIB Datasheet HTML 10Page - Intersil Corporation HI3304JIB Datasheet HTML 11Page - Intersil Corporation HI3304JIB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Definitions
Dynamic Performance Definitions
Fast Fourier Transform (FFT) techniques are used to evaluate
the dynamic performance of the HI3304. A low distortion sine
wave is applied to the input, it is sampled, and the output is
stored in RAM. The data is then transformed into the fre-
quency domain with a 4096 point FFT and analyzed to evalu-
ate the dynamic performance of the A/D. The sine wave input
to the part is -0.5dB down from fullscale for all these tests.
Signal-to-Noise (SNR)
SNR is the measured RMS signal to RMS noise at a speci-
fied input and sampling frequency. The noise is the RMS
sum of all of the spectral components except the fundamen-
tal and the first five harmonics.
Signal-to-Noise + Distortion Ratio (SINAD)
SINAD is the measured RMS signal to RMS sum of all other
spectral components below the Nyquist frequency excluding DC.
Effective Number of Bits (ENOB)
The effective number of bits (ENOB) is derived from the
SINAD data. ENOB is calculated from:
ENOB = (SINAD - 1.76 + VCORR)/6.02,
where:
VCORR = 0.5dB.
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first 5 harmonic com-
ponents to the RMS value of the measured input signal.
Operating and Handling Considerations
HANDLING
All inputs and outputs of CMOS devices have a network for
electrostatic protection during handling. Recommended han-
dling practices for CMOS devices are described in
lCAN-6525. “Guide to Better Handling and Operation of
CMOS Integrated Circuits.”
OPERATING
Operating Voltage
During operation near the maximum supply voltage limit, care
should be taken to avoid or suppress power supply turn-on
and turn-off transients, power supply ripple, or ground noise;
any of these conditions must not cause the power supply volt-
ages to exceed the absolute maximum rating.
Input Signals
To prevent damage to the input protection circuit, input signals
should never be greater than VDD or VAA+ nor less than VSS
or VAA- (depending upon which supply the protection network
is referenced. See Maximum Ratings). Input currents must not
exceed 20mA even when the power supply is off.
Unused Inputs
A connection must be provided at every input terminal. All
unused input terminals must be connected to either VDD or
VSS, whichever is appropriate.
Output Short Circuits
Shorting of outputs to any supply potential may damage
CMOS devices by exceeding the maximum device dissipation.
FIGURE 13. TYPICAL HI3304 5-BIT CONFIGURATION
FIGURE 14. IDEAL TRANSFER CURVE
VAA+
VREF+
VIN
VREF-
VAA-
DC
CE2
CLK
CE1
VSS
OF
B4
B3
B2
B1
NC
NC
NC
+5V
HI3304
HI3304
ADJUST
CENTER
+5V
1k
BUFFER
INPUT
+FULL
+5V
CLOCK
B5 MSB
B4
B3
B2
B1
CLK
VDD
VAA+
VDD
VREF+
VIN
VREF-
VAA-
VSS
DC
CE2
CE1
OF
B4
B3
B2
B1
INPUT
SCALE
REF.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
OVERFLOW
INPUT VOLTAGE
V0 V1 V2 V3 V4 V5 V6 V7 V8 V9 V10 V11V12 V13 V14V15V16
HI3304
HI3304


Similar Part No. - HI3304JIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304JIB INTERSIL-HI3304JIB Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
More results

Similar Description - HI3304JIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
CDK1304 CADEKA-CDK1304 Datasheet
1Mb / 11P
   10-bit, 25 MSPS 135mW A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com