Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A800DT90UC Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # A800DT90UC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

A800DT90UC Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button A800DT90UC Datasheet HTML 5Page - Advanced Micro Devices A800DT90UC Datasheet HTML 6Page - Advanced Micro Devices A800DT90UC Datasheet HTML 7Page - Advanced Micro Devices A800DT90UC Datasheet HTML 8Page - Advanced Micro Devices A800DT90UC Datasheet HTML 9Page - Advanced Micro Devices A800DT90UC Datasheet HTML 10Page - Advanced Micro Devices A800DT90UC Datasheet HTML 11Page - Advanced Micro Devices A800DT90UC Datasheet HTML 12Page - Advanced Micro Devices A800DT90UC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
D A TA
SH EE T
January 23, 2007 27546A6
Am29SL800D
7
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am29SL800D
T
-100
E
C
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
D
=
Commercial (0°C to +70°C) with Pb-free package
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-free package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 048)
VU
=
48-ball Fine-Pitch Ball Grid Array (FBGA)
0.80mm pitch, 8.15 x 6.15 mm package (VBK048)
WA
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8.15 x 6.15 mm package (FBA048)
WC
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 9 x 8 mm package (FBC048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top Sector
B
=
Bottom Sector
DEVICE NUMBER/DESCRIPTION
Am29SL800D
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory
1.8 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
AM29SL800DT90,
AM29SL800DB90
EC, EI, ED, EF
AM29SL800DT100,
AM29SL800DB100
AM29SL800DT120,
AM29SL800DB120
AM29SL800DT150,
AM29SL800DB150
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29SL800DT90,
AM29SL800DB90
WAC, WAD
WAI, WAF
A800DT90U,
A800DB90U
C, I,
D, F
WCC, WCD,
WCI, WCF
A800DT90P,
A800DB90P
AM29SL800DT100,
AM29SL800DB100
WAC, WAD
WAI, WAF
A800DT10U,
A800DB10U
WCC, WCD,
WCI, WCF
A800DT10P,
A800DB10P
AM29SL800DT120,
AM29SL800DB120
WAC, WAD
WAI, WAF
A800DT12U,
A800DB12U
WCC, WCD,
WCI, WCF
A800DT12P,
A800DB12P
AM29SL800DT150,
AM29SL800DB150
WAC, WAD
WAI, WAF
A800DT15U,
A800DB15U
WCC, WCD,
WCI, WCF
A800DT15P,
A800DB15P
Am29SL800DT120
VUF
A800DT12V
A800DB12V


Similar Part No. - A800DT90UC

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A800ERW MPD-A800ERW Datasheet
196Kb / 2P
   Low Cost, 8W DIP Wide Input Range DC/DC Converters
More results

Similar Description - A800DT90UC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29SL800D AMD-AM29SL800D Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800B AMD-AM29SL800B Datasheet
543Kb / 41P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800C AMD-AM29SL800C Datasheet
549Kb / 41P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400D SPANSION-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL400C AMD-AM29SL400C Datasheet
846Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL400D AMD-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400C SPANSION-AM29SL400C Datasheet
945Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL160C AMD-AM29SL160C_07 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com