Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3304 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI3304
Description  4-Bit, 25 MSPS, Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3304 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI3304 Datasheet HTML 4Page - Intersil Corporation HI3304 Datasheet HTML 5Page - Intersil Corporation HI3304 Datasheet HTML 6Page - Intersil Corporation HI3304 Datasheet HTML 7Page - Intersil Corporation HI3304 Datasheet HTML 8Page - Intersil Corporation HI3304 Datasheet HTML 9Page - Intersil Corporation HI3304 Datasheet HTML 10Page - Intersil Corporation HI3304 Datasheet HTML 11Page - Intersil Corporation HI3304 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Continuous Clock Operation
One complete conversion cycle can be traced through the
HI3304 via the following steps. (Refer to timing diagram
Figure 3). The rising edge of the clock input will start a
“sample” phase. During this entire “High” state of the clock,
the 16 comparators will track the input voltage and the 16
latches will track the comparator outputs. At the falling edge
of the clock, all 16 comparator outputs are captured by the
16 latches. This ends the “sample” phase and starts the
“auto balance” phase for the comparators. During this “Low”
state of the clock the output of the latches propagates
through the decode array and a 6-bit code appears at the D
inputs of the output registers. On the next rising edge of the
clock, this 6-bit code is shifted into the output registers and
appears with time delay tD as valid data at the output of the
three-state drivers. This also marks the start of a new
“sample” phase, thereby repeating the conversion process
for this next cycle.
Pulse Mode Operation
For sampling high speed nonrecurrent or transient data, the
converter may be operated in a pulse mode in one of three
ways. The fastest method is to keep the converter in the
Sample Unknown phase,
φ2, during the standby state. The
device can now be pulsed through the Auto Balance phase
with as little as 20ns. The analog value is captured on the
leading edge of
φ1 and is transferred into the output registers
on the trailing edge of
φ1. We are now back in the standby
state,
φ2, and another conversion can be started within
20ns, but not later than 5
µs due to the eventual droop of the
commutating capacitors. Another advantage of this method
is that it has the potential of having the lowest power drain.
The larger the time ratio between
φ2 and φ1, the lower the
power consumption. (See Timing Diagram Figure 3A).
The second method uses the Auto Balance phase,
φ1, as
the standby state. In this state the converter can stay
indefinitely waiting to start a conversion. A conversion is
performed by strobing the clock input with two
φ2 pulses.
The first pulse starts a Sample Unknown phase and
captures the analog value in the comparator latches on the
trailing edge. A second
φ2 pulse is needed to transfer the
date into the output registers. This occurs on the leading
edge of the second pulse. The conversion now takes place
in 40ns, but the repetition rate may be as slow as desired.
The disadvantage to this method is the slightly higher device
dissipation due to the low ratio of
φ2 to φ1. (See Timing
Diagram Figure 3B).
For applications requiring both indefinite standby and lowest
power, standby can be in the
φ2 (Sample Unknown) state
with two
φ1 pulses to generate valid data (see Figure 3C).
The conversion process now takes 60ns. [Note that the
above numbers do not include the tD (Output Delay) time.]
Increased Accuracy
In most case the accuracy of the HI3304 should be sufficient
without any adjustments. In applications where accuracy is
of utmost importance, two adjustments can be made to
obtain better accuracy; i.e., offset trim and gain trim.
Offset Trim
In general offset correction can be done in the preamp cir-
cuitry by introducing a DC shift to VIN or by the offset trim of
the op amp. When this is not possible the VREF- input can
be adjusted to produce an offset trim.
The theoretical input voltage to produce the first transition is
1/
2 LSB. The equation is as follows:
VIN (0 to 1 transition) =
1/
2 LSB =
1/
2(VREF/16)
= VREF/32
Adjust offset by applying this input voltage and adjusting the
VREF- voltage or input amplifier offset until an output code
alternating between 0 and 1 occurs.
Gain Trim
In general the gain trim can also be done in the preamp circuitry
by introducing a gain adjustment for the op amp. When this is
not possible, then a gain adjustment circuit should be made to
adjust the reference voltage. To perform this trim, VIN should be
set to the 15 to overflow transition. That voltage is 1/2 LSB less
than VREF+ and is calculated as follows:
VlN (15 to 16 transition) = VREF - VREF/32
= VREF (31/32)
To perform the gain trim, first do the offset trim and then
apply the required VIN for the 15 to overflow transition. Now
adjust VREF+ until that transition occurs on the outputs.
Layout, Input and Supply Considerations
The HI3304 should be mounted on a ground-planed,
printed-circuit board, with good high-frequency decoupling
capacitors mounted as close as possible. If the supply is
noisy, decouple VAA+ with a resistor as shown in Figure 12A.
The HI3304 outputs current spikes to its input at the start of
the
auto-balance
and
sample
clock
phases.
A
low
impedance source, such as a locally-terminated 50
Ω coax
cable, should be used to drive the input terminal. A fast-
settling buffer such as the HA-5033, HA-5242, or CA3450
should be used if the source is high impedance. The VREF
terminals also have current spikes, and should be well
bypassed.
Care should be taken to keep digital signals away from the
analog input, and to keep digital ground currents away from
the analog ground. If possible, the analog ground should be
connected to digital ground only at the HI3304.
Bipolar Operation
The HI3304, with separate analog (VAA+, VAA-) and digital
(VDD, VSS) supply pins, allows true bipolar or negative input
operation. The VAA- pin may be returned to a negative
supply (observing maximum voltage ratings to VAA+ or VDD
and recommended rating to VSS), thus allowing the VREF-
potential also to be negative. Figure 12B shows operation
with an input range of -1V to +1V. Similarly, VAA+ and
VREF+ could be maintained at a higher voltage than VDD,
for an input range above the digital supply.
HI3304
HI3304


Similar Part No. - HI3304

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304JIB INTERSIL-HI3304JIB Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304JIP INTERSIL-HI3304JIP Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
More results

Similar Description - HI3304

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
CDK1304 CADEKA-CDK1304 Datasheet
1Mb / 11P
   10-bit, 25 MSPS 135mW A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com